Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216IB Datasheet(PDF) 37 Page - Exar Corporation

Part # XRT83SL216IB
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216IB Datasheet(HTML) 37 Page - Exar Corporation

Back Button XRT83SL216IB Datasheet HTML 33Page - Exar Corporation XRT83SL216IB Datasheet HTML 34Page - Exar Corporation XRT83SL216IB Datasheet HTML 35Page - Exar Corporation XRT83SL216IB Datasheet HTML 36Page - Exar Corporation XRT83SL216IB Datasheet HTML 37Page - Exar Corporation XRT83SL216IB Datasheet HTML 38Page - Exar Corporation XRT83SL216IB Datasheet HTML 39Page - Exar Corporation XRT83SL216IB Datasheet HTML 40Page - Exar Corporation XRT83SL216IB Datasheet HTML 41Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
XRT83SL216
35
REV. 1.0.0
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
D5
DMOIS_n
Driver Monitor Output Interrupt Status
"0" = No Change
"1" = Change in Status Occured
RUR
0
D4
RLOSSI_n
Receiver Loss of Signal Interrupt Status
"0" = No Change
"1" = Change in Status Occured
RUR
0
D3
Reserved
This Register Bit is Not Used
R/W
X
D2
AISS_n
AIS Alarm Status
This alarm indication signal detection is always active regardless if
the interrupt generation is disabled. This bit indicates the AIS
activity at the time of reading.
"0" = No Alarm
"1" = An All "Ones" Signal is detected.
RO
0
D1
DMOS_n
Driver Monitor Output Status
The Driver Monitor output is always active regardless if the inter-
rupt generation is disabled. This bit indicates the DMO output
activity at the time of reading.
"0" = No alarm
"1" = Failure at the transmit output is detected.
RO
0
D0
RLOSS_n
Receive Loss of Signal Status
The receiver loss of signal detection is always active regardless if
the interrupt generation is disabled. This bit indicates the RLOS
activity at the time of reading.
"0" = No Alarm
"1" = Loss of Signal condition is detected.
RO
0
TABLE 13: MICROPROCESSOR REGISTER BIT DESCRIPTION
CHANNEL CONTROL REGISTER (CHANNEL_n, where n = 0:15)
(0X08H, 0X0BH, 0X0EH, 0X11H, 0X14H, 0X17H, 0X1AH, 0X1DH, 0X20H, 0X23H, 0X26H, 0X29H, 0X2CH, 0X2FH, 0X32H,
0X35H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com