Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216IB Datasheet(PDF) 33 Page - Exar Corporation

Part # XRT83SL216IB
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216IB Datasheet(HTML) 33 Page - Exar Corporation

Back Button XRT83SL216IB Datasheet HTML 29Page - Exar Corporation XRT83SL216IB Datasheet HTML 30Page - Exar Corporation XRT83SL216IB Datasheet HTML 31Page - Exar Corporation XRT83SL216IB Datasheet HTML 32Page - Exar Corporation XRT83SL216IB Datasheet HTML 33Page - Exar Corporation XRT83SL216IB Datasheet HTML 34Page - Exar Corporation XRT83SL216IB Datasheet HTML 35Page - Exar Corporation XRT83SL216IB Datasheet HTML 36Page - Exar Corporation XRT83SL216IB Datasheet HTML 37Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
XRT83SL216
31
REV. 1.0.0
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
D2
JABW
JA Band width Select
This bit is used to select the band with of the JA PLL.
"0" = 10 Hz "1" = 1.5Hz
NOTE: If a "1" is written into this bit, JA FIFO size of 64 bit wide is
automatically selected.
R/W
0
D1
D0
JASEL1
JASEL0
Jitter Attenuator Select
These bits are used to configure the Jitter Attenuator into the
Receive or Transmit path.
"00" = Disabled
"01" = Transmit Path
"10" = Receive Path
"11" = Disabled
R/W
0
0
TABLE 8: MICROPROCESSOR REGISTERS 0X01H &0X02H BIT DESCRIPTION
INTERRUPT STATUS REGISTERS (0X01H) & 0X02H
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
D6
D5
D4
D3
D2
D1
D0
INTS_n
Interrupt Status
These 2 registers are ready only to determine when an interrupt
event occurs, the channel that generates interrupt can be identified
with minimum read/write operation.
RO
0
0
0
0
0
0
0
0
TABLE 7: MICROPROCESSOR REGISTER 0X00H BIT DESCRIPTION
GLOBAL CONTROL REGISTER FOR ALL 16 CHANNELS (0X00H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com