Electronic Components Datasheet Search
  English  ▼

X  

MP1517 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1517
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1517 Datasheet HTML 1Page - Monolithic Power Systems MP1517 Datasheet HTML 2Page - Monolithic Power Systems MP1517 Datasheet HTML 3Page - Monolithic Power Systems MP1517 Datasheet HTML 4Page - Monolithic Power Systems MP1517 Datasheet HTML 5Page - Monolithic Power Systems MP1517 Datasheet HTML 6Page - Monolithic Power Systems MP1517 Datasheet HTML 7Page - Monolithic Power Systems MP1517 Datasheet HTML 8Page - Monolithic Power Systems MP1517 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP1517 – 3A, 25V, 1.1MHz STEP-UP CONVERTER
MP1517 Rev. 1.4
www.MonolithicPower.com
3
4/28/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
VIN = 5V
150
mΩ
SW On Resistance
(4)
VIN = 3V
225
mΩ
SW Current Limit
(4)
3.0
4.0
A
SW Leakage Current
VSW = 25V
0.5
µA
Thermal Shutdown
(4)
160
°C
Open Load Shutdown Threshold
Measured at OLS Pin
27
V
Note:
4) Guaranteed by design.
TYPICAL PERFORMANCE CHARACTERISTICS
91.8
91.7
91.6
91.5
91.4
91.3
91.2
91.1
TEMPERATURE (
°C)
MP1517-TPC03
Maximum Duty Cycle vs
Temperature
1.15
1.10
1.05
1.00
-50
0
50
100
150
TEMPERATURE (
°C)
MP1517-TPC02
Frequency vs
Temperature
715
710
705
700
695
690
685
-50
0
50
100
150
TEMPERATURE (
°C)
MP1517-TPC01
Feedback Voltage vs
Temperature
-50
0
50
100
150
100
95
90
85
80
75
70
65
60
55
50
LOAD CURRENT (mA)
MP1517-EC01
Efficiency vs
Load Current
1
10
100
1000
10000
VIN = 12V
VOUT = 18V
VOUT = 22V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com