Electronic Components Datasheet Search
  English  ▼

X  

MP1517 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1517
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1517 Datasheet HTML 1Page - Monolithic Power Systems MP1517 Datasheet HTML 2Page - Monolithic Power Systems MP1517 Datasheet HTML 3Page - Monolithic Power Systems MP1517 Datasheet HTML 4Page - Monolithic Power Systems MP1517 Datasheet HTML 5Page - Monolithic Power Systems MP1517 Datasheet HTML 6Page - Monolithic Power Systems MP1517 Datasheet HTML 7Page - Monolithic Power Systems MP1517 Datasheet HTML 8Page - Monolithic Power Systems MP1517 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP1517 – 3A, 25V, 1.1MHz STEP-UP CONVERTER
MP1517 Rev. 1.4
www.MonolithicPower.com
4
4/28/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
TEMPERATURE (
°C)
MP1517-TPC06
Current Limit vs
Temperature
2.43
2.42
2.41
2.40
2.39
2.38
2.37
2.36
TEMPERATURE (
°C)
MP1517-TPC05
BP Voltage vs
Temperature
940
920
900
880
860
840
820
-50
0
50
100
150
TEMPERATURE (
°C)
MP1517-TPC04
Operating Supply
Current vs Temperature
-50
0
50
100
150
-50
0
50
100
150
PIN FUNCTIONS
Pin #
Name
Description
1
COMP
Compensation: Error Amplifier Output. Connect to a series RC network to compensate
the regulator control loop.
2, 6, 14
NC
No Connect
3
BP
Output of the Internal 2.4V Low Dropout Regulator. Connect a 10nF bypass capacitor
between BP and SGND. Do not apply an external load to BP.
4
EN
Regulator On/Off Control Input. A logic high input (VEN > 1.5V) turns on the regulator, a
logic low puts it into low current shutdown mode. The EN pin cannot be left floating.
5, 13
SGND
Signal Ground
7
OLS
Open Load Shutdown Pin. OLS senses regulator output voltage to protect IC during
open load operation. When this pin’s voltage exceeds 27V, the output switch is shut off.
The device then restarts in soft-start mode until it is disabled.
8
IN
Input Supply Pin. This pin can be connected to the regulator’s input supply or to the
output for boot-strapped operation.
9, 10
SW
Output Switch Node. SW is the drain of the internal N-Channel MOSFET. Connect the
inductor and rectifier to SW to complete the step-up converter.
11, 12
PGND
Power Ground
15
SS
Soft-Start Input. Connect a 10nF to 22nF capacitor from SS to SGND to set the soft-start
time. SS sources 2µA to an external soft-start capacitor during startup. As the voltage at
SS increases to 0.55V, the voltage at COMP is clamped to 0.7V above the voltage at SS
limiting the startup current. The external capacitor at SS is discharged to ground when
under voltage lockout, thermal shutdown occurs or open load shutdown occurs.
16
FB
Regulation Feedback Input. The regulation threshold is 0.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com