Electronic Components Datasheet Search
  English  ▼

X  

MP1517 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1517
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1517 Datasheet HTML 1Page - Monolithic Power Systems MP1517 Datasheet HTML 2Page - Monolithic Power Systems MP1517 Datasheet HTML 3Page - Monolithic Power Systems MP1517 Datasheet HTML 4Page - Monolithic Power Systems MP1517 Datasheet HTML 5Page - Monolithic Power Systems MP1517 Datasheet HTML 6Page - Monolithic Power Systems MP1517 Datasheet HTML 7Page - Monolithic Power Systems MP1517 Datasheet HTML 8Page - Monolithic Power Systems MP1517 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP1517 – 3A, 25V, 1.1MHz STEP-UP CONVERTER
MP1517 Rev. 1.4
www.MonolithicPower.com
5
4/28/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
OPERATION
The MP1517 uses a 1.1MHz fixed-frequency,
current-mode regulation architecture to regulate
the output. The operation of the MP1517 can be
understood by referring to the block diagram of
Figure 1. At the beginning of each cycle, the
N-Channel MOSFET switch is turned on,
forcing the inductor current to rise. The current
at the source of the switch is internally
measured and converted to a voltage by the
current sense amplifier. That voltage is
compared to the error voltage at COMP. The
voltage at the output of the error amplifier is an
amplified version of the difference between the
700mV reference voltage and the feedback
voltage. When these two voltages are equal,
the PWM comparator turns off the switch
forcing the inductor current to the output
capacitor through the external rectifier. This
causes the inductor current to decrease. The
peak inductor current is controlled by the
voltage at COMP, which in turn is controlled by
the output voltage. Thus the output voltage
controls the inductor current to satisfy the load.
The use of current-mode regulation improves
transient response and control loop stability.
PWM
CONTROL
LOGIC
CURRENT
SENSE
AMP
SOFT-START
OSCILLATOR
LDO
2.4V
--
+
GM
+
--
--
+
PGND
FB
COMP
SS
SGND
0.7V
SW
IN
8
--
+
OLS
16V
EN
BP
2.4V
0.9V
MP1517_BD01
3
4
7
15
1
16
9, 10
11, 12
5, 13
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com