Electronic Components Datasheet Search
  English  ▼

X  

MP1528 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1528
Description  9 Lamp, 36V Precision White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1528 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1528 Datasheet HTML 1Page - Monolithic Power Systems MP1528 Datasheet HTML 2Page - Monolithic Power Systems MP1528 Datasheet HTML 3Page - Monolithic Power Systems MP1528 Datasheet HTML 4Page - Monolithic Power Systems MP1528 Datasheet HTML 5Page - Monolithic Power Systems MP1528 Datasheet HTML 6Page - Monolithic Power Systems MP1528 Datasheet HTML 7Page - Monolithic Power Systems MP1528 Datasheet HTML 8Page - Monolithic Power Systems MP1528 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP1528 – 9 LAMP, 36V PRECISION WHITE LED DRIVER
MP1528 Rev. 1.7
www.MonolithicPower.com
3
2/21/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS (continued)
VBIAS = VEN = 5.0V, VBRT = 1.2V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Open Load Shutdown
Threshold
Measured at BIAS
40
V
VBIAS = 20V, VEN < 0.4V
5
µA
Bias Current
VBIAS = 40V, VEN < 0.4V
70
100
µA
Feedback Comparator
FB Regulation Threshold
VFB
VBRT = 1.2V
0.38
0.40
0.42
V
FB Hysteresis
10
mV
FB Input Leakage Current
VFB = 0.2V
–150
–80
nA
PWM Mode Using BRT
Output-Off Threshold
0.18
0.27
V
BRT Input Leakage Current
VBRT = 0.6V
–100
nA
BRT Full-Scale Threshold
1.2
V
Output Switch
SW On-Resistance
RON
VBIAS = 5.0V
0.63
Ω
SW Current Limit
950
mA
Thermal Shutdown
160
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com