Electronic Components Datasheet Search
  English  ▼

X  

MP1528 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1528
Description  9 Lamp, 36V Precision White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1528 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1528 Datasheet HTML 1Page - Monolithic Power Systems MP1528 Datasheet HTML 2Page - Monolithic Power Systems MP1528 Datasheet HTML 3Page - Monolithic Power Systems MP1528 Datasheet HTML 4Page - Monolithic Power Systems MP1528 Datasheet HTML 5Page - Monolithic Power Systems MP1528 Datasheet HTML 6Page - Monolithic Power Systems MP1528 Datasheet HTML 7Page - Monolithic Power Systems MP1528 Datasheet HTML 8Page - Monolithic Power Systems MP1528 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP1528 – 9 LAMP, 36V PRECISION WHITE LED DRIVER
MP1528 Rev. 1.7
www.MonolithicPower.com
5
2/21/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin #
QFN6
MSOP8
Name
Description
1
2
FB
Feedback Input. The MP1528 regulates the voltage across the current sense resistor
between FB and GND. Connect a current sense resistor from the bottom of the LED
string to GND and connect the bottom of the LED string to FB. The regulation
threshold is set at 0.4V for VBRT ≥ 1.2V.
2
3
GND
Ground.
3
4
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the
power inductor and output rectifier to SW, which can swing between GND and 42V.
4
5
BIAS
Internal Power Input. BIAS powers the internal circuitry and measures the output
voltage for open circuit protection. Connect BIAS to the output at the top of the LED
string. If open circuit protection is not required, BIAS may be connected to the input
source to reduce power consumption of the MP1528.
5
6
EN
Regulator On/Off Control Input. A high voltage applied to EN turns on the converter;
a low voltage turns it off. When not used, connect EN to the input source for
automatic startup. If EN is driven over 6V, place a 100kΩ resistor in series with EN.
Never leave EN floating.
6
7
BRT
Analog or PWM Input for Controlling LED Brightness. When used in analog mode,
apply a DC voltage of 0.27V to 1.2V. This input voltage is attenuated by 1/3 to set
the voltage across the sense resistor at FB. Maximum brightness (20mA) occurs with
an application of 1.2V. To control the brightness in PWM mode, apply a PWM signal
with a minimum voltage less than 0.18V and a maximum voltage greater than 1.2V
(when a voltage less than 0.18V is applied to this pin, the output switch is turned off).
The regulator operates at maximum brightness when more than 1.2V is applied. The
frequency of the PWM signal must be between 100Hz to 400Hz.
1, 8
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com