Electronic Components Datasheet Search
  English  ▼

X  

MP1528 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1528
Description  9 Lamp, 36V Precision White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1528 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1528 Datasheet HTML 1Page - Monolithic Power Systems MP1528 Datasheet HTML 2Page - Monolithic Power Systems MP1528 Datasheet HTML 3Page - Monolithic Power Systems MP1528 Datasheet HTML 4Page - Monolithic Power Systems MP1528 Datasheet HTML 5Page - Monolithic Power Systems MP1528 Datasheet HTML 6Page - Monolithic Power Systems MP1528 Datasheet HTML 7Page - Monolithic Power Systems MP1528 Datasheet HTML 8Page - Monolithic Power Systems MP1528 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP1528 – 9 LAMP, 36V PRECISION WHITE LED DRIVER
MP1528 Rev. 1.7
www.MonolithicPower.com
4
2/21/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
Circuit on front page, VIN = 3.6V, 9 LEDs, ILED = 20mA, VBRT = 1.2V, TA = +25°C, unless otherwise
noted.
500
400
300
200
100
0
012345
BRT VOLTAGE (V)
MP1528_TPC02
Feedback Voltage vs
BRT Voltage
430
420
410
400
390
380
370
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
LED CURRENT (mA)
MP1528_TPC01
Feedback Voltage vs
Input Voltage
20
18
16
14
12
10
8
6
4
2
0
0
20406080
100
BRT DUTY CYCLE (%)
MP1528_TPC03
LED Current vs
BRT Duty Cycle @ 200Hz
VEN
5V/div.
VSW
20V/div.
VBIAS
20V/div.
MP1528_TPC06
Startup into an
Open Load
VSW
10V/div.
VBIAS AC
0.2V/div.
IINDUCTOR
0.5A/div.
MP1528_TPC04
Steady-State Operation
VEN
5V/div.
VSW
10V/div.
VBIAS
10V/div.
MP1528_TPC05
Startup
MP1528_TPC08
Efficiency vs
LED Current
(8 LEDs)
100
90
80
70
60
50
40
30
0
5
10
15
20
25
LED CURRENT (mA)
MP1528_TPC09
Efficiency vs
LED Current
(9 LEDs)
100
90
80
70
60
50
40
30
0
5
10
15
20
25
LED CURRENT (mA)
MP1528_TPC07
Efficiency vs
LED Current
(6 LEDs)
100
90
80
70
60
50
40
30
0
5
10
15
20
25
12V
7.5V
5V
4.2V
3V
12V
7.5V
5V
4.2V
3V
12V
7.5V
5V
4.2V
3V
VIN =
VIN =
VIN =



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com