Electronic Components Datasheet Search
  English  ▼

X  

SA647 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA647
Description  Low-voltage digital IF receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA647 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA647 Datasheet HTML 3Page - NXP Semiconductors SA647 Datasheet HTML 4Page - NXP Semiconductors SA647 Datasheet HTML 5Page - NXP Semiconductors SA647 Datasheet HTML 6Page - NXP Semiconductors SA647 Datasheet HTML 7Page - NXP Semiconductors SA647 Datasheet HTML 8Page - NXP Semiconductors SA647 Datasheet HTML 9Page - NXP Semiconductors SA647 Datasheet HTML 10Page - NXP Semiconductors SA647 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
SA647
Low-voltage digital IF receiver
1998 Aug 10
7
PERFORMANCE CHARACTERISTICS
VCC = +3.0V, Mixer input freq = 110.52MHz, LO input freq = 109.92MHz, TA = 25°C; unless otherwise stated.
SR01554
Input Power (dBm)
LO Buffer Output vs Temperature and Supply Voltage
150
170
190
210
230
250
270
290
310
–40
0
25
70
85
5.5V
3.0V
2.7V
Supply Current vs Temperature and Supply Voltage
3.00
3.50
4.00
4.50
5.00
5.50
6.00
6.50
7.00
–40
0
25
70
85
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
–40
0
25
70
85
Mixer Gain vs Temperature and Supply Voltage
Mixer 3rd Order Input Intercept Point vs Temperature
and Supply Voltage
–25
–26
–27
–28
–29
–30
–31
–32
–33
–40
0
25
70
85
Temperature (
°C)
Temperature (
°C)
5.5V
3.0V
3.8V
2.7V
Temperature (
°C)
5.5V
3.0V
2.7V
Temperature (
°C)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
Mixer 3rd Order Intercept and Compression vs Input Power
Fund. Product
3rd Order Product
LO Buffer Output with Load Variation
Capacitor Load (pF)
2.7V
3.0V
5.5V
100
150
200
250
300
350
400
450
500
550
0
1
2.2
3
3.9
4.7
5.6
Mixer Noise Figure vs Temperature and Supply Voltage
3.5
4.0
4.5
5.0
5.5
–40
0
25
70
85
2.7V
3.0V
5.5V
Temperature (
°C)
Mixer 1dB Input Compression vs Temperature and Supply Voltage
–42
–41
–40
–39
–38
–37
–36
–40
0
25
70
85
2.7V
3.0V
5.5V
Temperature (
°C)
Load = 10K
W 3.9pF
5.1K
W
10K
W
Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com