Electronic Components Datasheet Search
  English  ▼

X  

SA647 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA647
Description  Low-voltage digital IF receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA647 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA647 Datasheet HTML 1Page - NXP Semiconductors SA647 Datasheet HTML 2Page - NXP Semiconductors SA647 Datasheet HTML 3Page - NXP Semiconductors SA647 Datasheet HTML 4Page - NXP Semiconductors SA647 Datasheet HTML 5Page - NXP Semiconductors SA647 Datasheet HTML 6Page - NXP Semiconductors SA647 Datasheet HTML 7Page - NXP Semiconductors SA647 Datasheet HTML 8Page - NXP Semiconductors SA647 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
SA647
Low-voltage digital IF receiver
2
1998 Aug 10
853–2037 19849
DESCRIPTION
The SA647 is a low-voltage high performance monolithic digital
system with high-speed RSSI incorporating a mixer, oscillator with
buffered output, two limiting intermediate frequency amplifiers, fast
logarithmic received signal strength indicator (RSSI), voltage
regulator, RSSI op amp and power down pin. The SA647 is
available in TSSOP (thin shrink small outline package).
The SA647 was designed for portable digital communication
applications and will function down to 2.7V. The limiter amplifier has
differential outputs with 2MHz small signal bandwidth. The RSSI
output has access to the feedback pin. This enables the designer to
level adjust the outputs or add filtering.
FEATURES
• V
CC = 2.7 to 5.5V
• Low power receiver (5.3mA @ 3V)
• Power down mode (I
CC = 110µA)
• Fast RSSI rise and fall times
• Extended RSSI range with temperature compensation
• RSSI op amp
• 2MHz limiter small signal bandwidth
• Filter matching (1.5kΩ)
• Differential limiter output
• Oscillator buffer
• TSSOP-20 package
APPLICATIONS
• NADC (North American Digital Cellular)
• Digital receiver systems
• Cellular radio
PIN CONFIGURATION
SR01456
MIXOUT
IF AMPIN
GND
LIMIN
LIM OUT (+)
RFIN+
RFIN–
OSC E
OSC B
OSCBUF OUT
RSSI
RSSI FB
PD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20
19
18
17
16
15
LIM OUT (-)
VCC
IF AMPDECOUP
IF AMPDECOUP
IF AMPOUT
LIMDECOUP
LIMDECOUP
Figure 1.
Pin Configuration
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Thin Shrink Small Outline Package (Surface-mount)
–40 to +85
°C
SA647DH
SOT360–1
SR01727
OSCILLATOR
MIXER
+–
IF
AMP
20
19
18
17
16
15
14
13
12
11
12
3
4
56
7
8
9
10
EB
LIMITER
VCC
GND
FAST RSSI
+–
POWER
DOWN
Figure 2.
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com