Electronic Components Datasheet Search
  English  ▼

X  

SA647 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA647
Description  Low-voltage digital IF receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA647 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA647 Datasheet HTML 1Page - NXP Semiconductors SA647 Datasheet HTML 2Page - NXP Semiconductors SA647 Datasheet HTML 3Page - NXP Semiconductors SA647 Datasheet HTML 4Page - NXP Semiconductors SA647 Datasheet HTML 5Page - NXP Semiconductors SA647 Datasheet HTML 6Page - NXP Semiconductors SA647 Datasheet HTML 7Page - NXP Semiconductors SA647 Datasheet HTML 8Page - NXP Semiconductors SA647 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
SA647
Low-voltage digital IF receiver
1998 Aug 10
3
PIN DESCRIPTION
PIN NO.
SYMBOL
FUNCTION
1
RFIN
RF input
2
RF BYPASS
RF bypass
3
OSCE
Oscillator emitter
4
OSCB
Oscillator base (input)
5
OSCBUFOUT
Oscillator buffer output
6
VCC
Supply voltage
7
RSSI
RSSI output
8
RSSI FB
RSSI Feedback
9
PD
Power Down
10
LIMOUT(–)
Limiter output (neg)
11
LIMOUT(+)
Limiter output (pos)
12
LIMDECOUP
Limiter decoupling
13
LIMDECOUP
Limiter decoupling
14
LIMIN
Limiter input
15
GND
Ground
16
IF AMPOUT
IF amplifier output
17
IF AMPDECOUP
IF amplifier decoupling
18
IF AMPIN
IF amplifier input
19
IF AMPDECOUP
IF amplifier decoupling
20
MIXOUT
Mixer output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com