Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 19 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 19 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 15Page - Exar Corporation XRT86VL32IB Datasheet HTML 16Page - Exar Corporation XRT86VL32IB Datasheet HTML 17Page - Exar Corporation XRT86VL32IB Datasheet HTML 18Page - Exar Corporation XRT86VL32IB Datasheet HTML 19Page - Exar Corporation XRT86VL32IB Datasheet HTML 20Page - Exar Corporation XRT86VL32IB Datasheet HTML 21Page - Exar Corporation XRT86VL32IB Datasheet HTML 22Page - Exar Corporation XRT86VL32IB Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 174 page
background image
XRT86VL32
14
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
5-4
CAS MF Align
Sel[1:0]
R/W
00
CAS Multiframe Alignment Declaration Algorithm Select[1:0]
These bits allow the user to select which CAS Multiframe Alignment Decla-
ration algorithm the Receive E1 Framer block will employ, according to the
table below.
NOTE: For information on the criteria that the Receive E1 Framer block
uses in order to declare the “Loss of CAS Multiframe” defect
condition, please see register description for the Framing Control
Register (FCR - address 0xn10B)
TABLE 4: FRAMING SELECT REGISTER (FSR)
HEX ADDRESS: 0Xn107
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
CAS MF
ALIGN
SEL[1:0]
CAS MULTIFRAME ALIGNMENT DECLARATION ALGORITHM
SELECTED
00/11
CAS Multiframe Alignment is Disabled
01
The “16-Frame” Algorithm
If this alignment algorithm is selected, then the Receive
E1 Framer block will monitor the 16th timeslot of each
incoming E1 frame and will declare CAS Multiframe align-
ment (e.g., clear the Loss of CAS Multiframe” defect) con-
dition; anytime that it detects 15 consecutive E1 frames in
which bits 1 - 4 (of timeslot 16) do not contain the “CAS
Multiframe Alignment” pattern; which is immediately fol-
lowed by an E1 frame that DOES contain the “CAS Multi-
frame Alignment” pattern.
10
The “2-Frame” (ITU-T G.732) Algorithm
If this alignment algorithm is selected, then the Receive
E1 Framer block will monitor the 16th timeslot of each
incoming E1 frame and will declare CAS Multiframe align-
ment (e.g., clear the Loss of CAS Multiframe” defect) con-
dition; anytime that it detects a single E1 frame in which
bits 1 - 4 (of timeslot 16) do not contain the “CAS Multi-
frame Alignment” pattern; which is immediately followed
by an E1 frame that DOES contain the “CAS Multiframe
Alignment” pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com