Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 45Page - Exar Corporation XRT86VL32IB Datasheet HTML 46Page - Exar Corporation XRT86VL32IB Datasheet HTML 47Page - Exar Corporation XRT86VL32IB Datasheet HTML 48Page - Exar Corporation XRT86VL32IB Datasheet HTML 49Page - Exar Corporation XRT86VL32IB Datasheet HTML 50Page - Exar Corporation XRT86VL32IB Datasheet HTML 51Page - Exar Corporation XRT86VL32IB Datasheet HTML 52Page - Exar Corporation XRT86VL32IB Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 174 page
background image
XRT86VL32
44
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
TABLE 26: GAPPED CLOCK CONTROL REGISTER (GCCR)
HEX ADDRESS: 0Xn11E
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
FrOutclk
R/W
0
Framer Output Clock Reference
This bit is used to enable or disable high-speed T1/E1 rate on the
T1OSCCLK and the E1OSCCLK output pins.
By default, the output clock reference on T1OSCCLK and
E1OSCCLK output pins is 1.544MHz/2.048MHz respectively. By set-
ting this bit to a “1”, the output clock reference on the T1OSCLK and
the E1OSCCLK is 49.408MHz/65.536MHz for T1/E1 respectively.
0 = Disables high-speed rate to be output on the T1OSCCLK and
E1OSCCLK output pins. Standard T1/E1 Rate - 1.544MHz/2.048Mhz
will be output to the T1OSCCLK and E1OSCCLK output pins respec-
tively.
1 = Enables high-speed rate to be output on the T1OSCCLK and
E1OSCCLK output pins.
6-0
Reserved
-
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com