Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 45 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 45 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 41Page - Exar Corporation XRT86VL32IB Datasheet HTML 42Page - Exar Corporation XRT86VL32IB Datasheet HTML 43Page - Exar Corporation XRT86VL32IB Datasheet HTML 44Page - Exar Corporation XRT86VL32IB Datasheet HTML 45Page - Exar Corporation XRT86VL32IB Datasheet HTML 46Page - Exar Corporation XRT86VL32IB Datasheet HTML 47Page - Exar Corporation XRT86VL32IB Datasheet HTML 48Page - Exar Corporation XRT86VL32IB Datasheet HTML 49Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 174 page
background image
XRT86VL32
40
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
TABLE 21: DMA 0 (WRITE) CONFIGURATION REGISTER (D0WCR)
HEX ADDRESS: 0Xn118
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
DMA0 RST
R/W
0
DMA_0 Reset
This bit resets the transmit DMA (Write) channel 0.
0 = Normal operation.
1 = A zero to one transition resets the transmit DMA (Write) channel 0.
6
DMA0 ENB
R/W
0
DMA_0 Enable
This bit enables the transmit DMA_0 (Write) interface. After a transmit
DMA is enabled, DMA transfers are only requested when the transmit
buffer status bits indicate that there is space for a complete message
or cell.
The DMA write channel is used by the external DMA controller to
transfer data from the external memory to the HDLC buffers within the
E1 Framer. The DMA Write cycle starts by E1 Framer asserting the
DMA Request (REQ0) ‘low’, then the external DMA controller should
drive the DMA Acknowledge (ACK0) ‘low’ to indicate that it is ready to
start the transfer. The external DMA controller should place new data
on the Microprocessor data bus each time the Write Signal is Strobed
low if the WR is configured as a Write Strobe. If WR is configured as a
direction signal, then the external DMA controller would place new
data on the Microprocessor data bus each time the Read Signal (RD)
is Strobed low.
0 = Disables the transmit DMA_0 (Write) interface
1 = Enables the transmit DMA_0 (Write) interface
5
WR TYPE
R/W
0
Write Type Select
This bit selects the function of the WR signal.
0 = WR functions as a direction signal (indicates whether the current
bus cycle is a read or write operation) and RD functions as a data
strobe signal.
1 =WR functions as a write strobe signal
4 - 3 Reserved
-
-
Reserved
2
DMA0_CHAN(2)
R/W
0
Channel Select
These three bits select which T/E1 channel within the XRT86VL32
uses the Transmit DMA_0 (Write) interface.
000 = Channel 0
001 = Reserved
001 = Channel 2
011 = Reserved
1xx = Reserved
1
DMA0_CHAN(1)
R/W
0
0
DMA0_CHAN(0)
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com