Electronic Components Datasheet Search
  English  ▼

X  

B220 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # B220
Description  2A, 380 KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

B220 Datasheet(HTML) 3 Page - Monolithic Power Systems

  B220 Datasheet HTML 1Page - Monolithic Power Systems B220 Datasheet HTML 2Page - Monolithic Power Systems B220 Datasheet HTML 3Page - Monolithic Power Systems B220 Datasheet HTML 4Page - Monolithic Power Systems B220 Datasheet HTML 5Page - Monolithic Power Systems B220 Datasheet HTML 6Page - Monolithic Power Systems B220 Datasheet HTML 7Page - Monolithic Power Systems B220 Datasheet HTML 8Page - Monolithic Power Systems B220 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP1580 – 2A, 380KHz STEP-DOWN CONVERTER
MP1580 Rev. 3.0
www.MonolithicPower.com
3
12/5/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Maximum Duty Cycle
VFB = 1.0V
90
%
Minimum Duty Cycle
VFB = 1.5V
0
%
EN Shutdown Threshold Voltage
ICC > 100µA
0.7
1.0
1.3
V
Enable Pull-Up Current
VEN = 0V
1.15
1.46
1.8
µA
EN UVLO Threshold Rising
VEN Rising
2.37
2.495
2.62
V
EN UVLO Threshold Hysteresis
210
mV
Supply Current (Shutdown)
VEN ≤ 0.4V
23
36
µA
Supply Current (Quiescent)
VEN ≥ 2.6V, VFB = 1.4V
1.0
1.2
mA
Thermal Shutdown
160
°C
Note:
4) Derate current limit 0.011A/°C.
PIN FUNCTIONS
Pin #
Name
Description
1
BS
Bootstrap (C5). This capacitor is needed to drive the power switch’s gate above the
supply voltage. It is connected between SW and BS pins to form a floating supply across
the power switch driver. The voltage across C5 is about 5V and is supplied by the internal
+5V supply when the SW pin voltage is low.
2
IN
Supply Voltage. The MP1580 operates from a +4.75V to +25V unregulated input. C1 is
needed to prevent large voltage spikes from appearing at the input.
3
SW
Switch. This connects the inductor to either IN through M1 or to GND through M2.
4
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this reason
care must be taken in its layout. This node should be placed outside of the D1 to C1
ground path to prevent switching current spikes from inducing voltage noise into the part.
5
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets
the output voltage. To prevent current limit run away during a short circuit fault condition
the frequency foldback comparator lowers the oscillator frequency when the FB voltage is
below 700mV.
6
COMP
Compensation. This node is the output of the transconductance error amplifier and the
input to the current comparator. Frequency compensation is done at this node by
connecting a series R-C to ground. See the compensation section for exact details.
7
EN
Enable/UVLO. A voltage greater than 2.62V enables operation. For complete low current
shutdown the EN pin voltage needs to be less than 700mV.
8
SYNC
Synchronization Input. This pin is used to synchronize the internal oscillator frequency to
an external source. There is an internal 11kΩ pull down resistor to GND; therefore leave
SYNC unconnected if unused.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com