Electronic Components Datasheet Search
  English  ▼

X  

B220 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # B220
Description  2A, 380 KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

B220 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button B220 Datasheet HTML 2Page - Monolithic Power Systems B220 Datasheet HTML 3Page - Monolithic Power Systems B220 Datasheet HTML 4Page - Monolithic Power Systems B220 Datasheet HTML 5Page - Monolithic Power Systems B220 Datasheet HTML 6Page - Monolithic Power Systems B220 Datasheet HTML 7Page - Monolithic Power Systems B220 Datasheet HTML 8Page - Monolithic Power Systems B220 Datasheet HTML 9Page - Monolithic Power Systems B220 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP1580 – 2A, 380KHz STEP-DOWN CONVERTER
MP1580 Rev. 3.0
www.MonolithicPower.com
7
12/5/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
Compensation
The system stability is controlled through the
COMP pin. COMP is the output of the internal
transconductance error amplifier. A series
capacitor-resistor combination sets a pole-zero
combination to control the characteristics of the
control system.
The DC loop gain is:
OUT
FB
VEA
CS
LOAD
VDC
V
V
A
G
R
A
×
×
×
=
Where AVEA is the transconductance error
amplifier voltage gain, 400 V/V, GCS is the
current sense gain, (roughly the output current
divided by the voltage at COMP), 1.95 A/V and
RLOAD is the load resistance (VOUT / IOUT where
IOUT is the output load current).
The system has 2 poles of importance, one is
due to the compensation capacitor (C3), and
the other is due to the output capacitor (C2).
These are:
VEA
EA
1
P
A
3
C
2
G
f
×
×
π
=
Where P1 is the first pole and GEA is the error
amplifier transconductance (770µA/V).
and
LOAD
2
P
R
2
C
2
1
f
×
×
π
=
The system has one zero of importance, due to
the compensation capacitor (C3) and the
compensation resistor (R3). The zero is:
3
R
3
C
2
1
f 1
Z
×
×
π
=
If a large value capacitor (C2) with relatively
high
equivalent-series-resistance
(ESR)
is
used, the zero due to the capacitance and ESR
of the output capacitor can be compensated by
a third pole set by R3 and C6. The pole is:
3
R
6
C
2
1
f 3
P
×
×
π
=
The system crossover frequency (the frequency
where the loop gain drops to 1, or 0dB) is
important. A good rule of thumb is to set the
crossover frequency to approximately 1/10 of
the switching frequency.
In this case, the switching frequency is 380KHz,
so use a crossover frequency, fC, of 40KHz.
Lower crossover frequencies result in slower
response and worse transient load recovery.
Higher crossover frequencies can result in
instability.
Choosing the Compensation Components
The values of the compensation components
given in Table 4 yield a stable control loop for
the output voltage and capacitor given.
Table 4—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
C2
R3
C3
C6
2.5V
22µF Ceramic
7.5kΩ
2.2nF
None
3.3V
22µF Ceramic
10kΩ
2nF
None
5V
22µF Ceramic
15kΩ
1.2nF
None
12V
22µF Ceramic
33kΩ
1nF
None
2.5V
560µF/6.3V
(30mΩ ESR)
200kΩ
1nF
100pF
3.3V
560µF/6.3V
(30mΩ ESR)
200kΩ
1nF
82pF
5V
470µF/10V
(30mΩ ESR)
250kΩ
1nF
56pF
12V
220µF/25V
(30mΩ ESR)
250kΩ
1nF
27pF
To optimize the compensation components for
conditions not listed in Table 4, use the
following procedure:
Choose the compensation resistor to set the
desired crossover frequency.
Determine the
value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
×
×
×
×
π
=
Putting in the known constants and setting the
crossover frequency to the desired 40KHz:
OUT
8
V
2
C
10
37
.
1
3
R
×
×
×
≈
Choose the compensation capacitor to set the
zero below ¼ of the crossover frequency.
Determine the value by the following equation:
3
R
V
2
C
22
.
0
3
C
OUT
×
×
>



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com