Electronic Components Datasheet Search
  English  ▼

X  

B220 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # B220
Description  2A, 380 KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

B220 Datasheet(HTML) 5 Page - Monolithic Power Systems

  B220 Datasheet HTML 1Page - Monolithic Power Systems B220 Datasheet HTML 2Page - Monolithic Power Systems B220 Datasheet HTML 3Page - Monolithic Power Systems B220 Datasheet HTML 4Page - Monolithic Power Systems B220 Datasheet HTML 5Page - Monolithic Power Systems B220 Datasheet HTML 6Page - Monolithic Power Systems B220 Datasheet HTML 7Page - Monolithic Power Systems B220 Datasheet HTML 8Page - Monolithic Power Systems B220 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP1580 – 2A, 380KHz STEP-DOWN CONVERTER
MP1580 Rev. 3.0
www.MonolithicPower.com
5
12/5/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
APPLICATION INFORMATION
COMPONENT SELECTION
Sync Pin Operation
The SYNC pin driving waveform should be a
square wave with a rise time less than 20ns.
The Minimum High voltage level is 2.7V and the
Low level is less than 0.8V. The frequency of
the external sync signal needs to be greater
than 445KHz.
A rising edge on the SYNC pin forces a reset of
the oscillator. The upper transistor M1 is
switched off immediately if it is not already off.
250ns later M1 turns on connecting SW to VIN.
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output to FB (see
Figure 3). The voltage divider divides the output
voltage down by the ratio:
2
R
1
R
2
R
V
V
OUT
FB
+
=
Where VFB is the feedback voltage and VOUT is
the output voltage.
Thus the output voltage is:
2
R
2
R
1
R
222
.
1
VOUT
+
×
=
R2 can be as high as 100kΩ, but a typical value
is 10kΩ. Using this value, R1 is determined by:
)
222
.
1
V
(
18
.
8
1
R
OUT −
×
≅
For example, for a 3.3V output voltage, R2 is
10kΩ and R1 is 17kΩ.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor results in less ripple current that in turn
results in lower output ripple voltage.
However, the larger value inductor has a larger
physical size, higher series resistance and/or
lower saturation current. Choose an inductor
that does not saturate under the worst-case
load conditions.
A good rule for determining the inductance is to
allow the peak-to-peak ripple current in the
inductor to be approximately 30% of the
maximum load current. Also, make sure that the
peak inductor current (the load current plus half
the peak-to-peak inductor ripple current) is
below the 2.4A minimum current limit.
The inductance value can be calculated by the
equation:
I
f
V
)
V
V
(
V
L
IN
OUT
IN
OUT
∆
×
×
−
×
=
Where VIN is the input voltage, f is the oscillator
frequency and ∆I is the peak-to-peak inductor
ripple current. Table 1 lists a number of suitable
inductors from various manufacturers.
Table 1—Inductor Selection Guide
Package
Dimensions
(mm)
Vendor/
Model
Core
Type
Core
Material
W
L
H
Sumida
CR75
Open
Ferrite
7.0
7.8
5.5
CDH74
Open
Ferrite
7.3
8.0
5.2
CDRH5D28 Shielded Ferrite
5.5
5.7
5.5
CDRH5D28 Shielded Ferrite
5.5
5.7
5.5
CDRH6D28 Shielded Ferrite
6.7
6.7
3.0
CDRH104R Shielded Ferrite
10.1 10.0 3.0
Toko
D53LC
Type A
Shielded Ferrite
5.0
5.0
3.0
D75C
Shielded Ferrite
7.6
7.6
5.1
D104C
Shielded Ferrite
10.0 10.0 4.3
D10FL
Open
Ferrite
9.7
11.5 4.0
Coilcraft
DO3308
Open
Ferrite
9.4
13.0 3.0
DO3316
Open
Ferrite
9.4
13.0 5.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com