Electronic Components Datasheet Search
  English  ▼

X  

MP1593 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1593
Description  3A, 28V, 385KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1593 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1593 Datasheet HTML 1Page - Monolithic Power Systems MP1593 Datasheet HTML 2Page - Monolithic Power Systems MP1593 Datasheet HTML 3Page - Monolithic Power Systems MP1593 Datasheet HTML 4Page - Monolithic Power Systems MP1593 Datasheet HTML 5Page - Monolithic Power Systems MP1593 Datasheet HTML 6Page - Monolithic Power Systems MP1593 Datasheet HTML 7Page - Monolithic Power Systems MP1593 Datasheet HTML 8Page - Monolithic Power Systems MP1593 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP1593 – 3A, 28V, 385KHz STEP-DOWN CONVERTER
MP1593 Rev. 1.8
www.MonolithicPower.com
3
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
EN Threshold Voltage
0.9
1.2
1.5
V
Enable Pull Up Current
VEN = 0V
1.0
1.7
2.5
µA
Under Voltage Lockout
Threshold
VIN Rising
2.3
2.6
2.9
V
Under Voltage Lockout
Threshold Hysteresis
210
mV
Soft Start Period
CSS = 0.1µF
10
ms
Thermal Shutdown
160
°C
TYPICAL PERFORMANCE CHARACTERISTICS
Refer to Typical Application Schematic on Page 1
420
410
400
390
380
370
360
350
340
TEMPERATURE (
°C)
MP1593-TPC03
Oscillation Frequency vs
Temperature
5.0
4.9
4.8
4.7
4.6
4.5
4.4
4.3
4.2
4.1
4.0
TEMPERATURE (
°C)
MP1593-TPC02
Peak Current Limit vs
Temperature
1.245
1.235
1.225
1.215
1.205
1.195
-60 -40 -20 0 20 40 60 80 100 120 140
TEMPERATURE (
°C)
MP1593-TPC01
Feedback Voltage vs
Temperature
-50 -25 -0
25
50
75 100 125 150
-60 -40 -20 0 20 40 60 80 100 120 140
MP1593-TPC04
Soft-Start
Waveforms
VOUT
1V/Div.
IL
1A/Div.
4ms/Div.
VOUT
1V/Div.
IL
1A/Div.
MP1593-TPC05
Turn Off
Waveforms
VOUT
100mV/Div.
IL
1A/Div.
VIN = 12V, VOUT = 3.3V, 1A - 2A STEP
MP1593-TPC-06
Load Transient
Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com