Electronic Components Datasheet Search
  English  ▼

X  

MP1593 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1593
Description  3A, 28V, 385KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1593 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1593 Datasheet HTML 3Page - Monolithic Power Systems MP1593 Datasheet HTML 4Page - Monolithic Power Systems MP1593 Datasheet HTML 5Page - Monolithic Power Systems MP1593 Datasheet HTML 6Page - Monolithic Power Systems MP1593 Datasheet HTML 7Page - Monolithic Power Systems MP1593 Datasheet HTML 8Page - Monolithic Power Systems MP1593 Datasheet HTML 9Page - Monolithic Power Systems MP1593 Datasheet HTML 10Page - Monolithic Power Systems MP1593 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP1593 – 3A, 28V, 385KHz STEP-DOWN CONVERTER
MP1593 Rev. 1.8
www.MonolithicPower.com
10
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
INPUT
4.75V to 28V
OUTPUT
2.5V
3A
C3
3.3nF
C6
(optional)
D1
B340A
C5
10nF
MP1593
BS
IN
FB
SW
SS
GND
COMP
EN
MP1593_F03
1
3
5
6
4
8
7
2
OFF ON
Figure 3—MP1593 with AVX 47µF, 6.3V Ceramic Output Capacitor
INPUT
4.75V to 28V
OUTPUT
2.5V
3A
C3
3.3nF
C6
(optional)
D1
B340A
C5
10nF
MP1593
BS
IN
FB
SW
SS
GND
COMP
EN
1
3
5
6
4
8
7
2
MP1593_F04
OFF ON
Figure 4—MP1593 with Panasonic 47µF, 6.3V Special Polymer Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com