Electronic Components Datasheet Search
  English  ▼

X  

MP1593 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP1593
Description  3A, 28V, 385KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1593 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP1593 Datasheet HTML 3Page - Monolithic Power Systems MP1593 Datasheet HTML 4Page - Monolithic Power Systems MP1593 Datasheet HTML 5Page - Monolithic Power Systems MP1593 Datasheet HTML 6Page - Monolithic Power Systems MP1593 Datasheet HTML 7Page - Monolithic Power Systems MP1593 Datasheet HTML 8Page - Monolithic Power Systems MP1593 Datasheet HTML 9Page - Monolithic Power Systems MP1593 Datasheet HTML 10Page - Monolithic Power Systems MP1593 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP1593 – 3A, 28V, 385KHz STEP-DOWN CONVERTER
MP1593 Rev. 1.8
www.MonolithicPower.com
9
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
Table 3—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
L
C2
R3
C3
C6
1.8V
4.7µH
100µF
Ceramic
5.6kΩ
3.3nF
None
2.5V
4.7-
6.8µH
47µF
Ceramic
3.9kΩ
5.6nF
None
3.3V
6.8-
10µH
22µFx2
Ceramic
5.6kΩ
8.2nF
None
5V
10-
15µH
22µFx2
Ceramic
7.5kΩ
10nF
None
12V
15-
22µH
22µFx2
Ceramic
10kΩ
3.3nF
None
1.8
4.7µH
100µF
SP-CAP
5.6kΩ
3.3nF 100pF
2.5V
4.7-
6.8µH
47µF
SP-CAP
4.7kΩ
5.6nF
None
3.3V
6.8-
10µH
47µF
SP-CAP
6.8kΩ
10nF
None
5V
10-
15µH
47µF
SP CAP
10kΩ
10nF
None
2.5V
4.7-
6.8µH
560µF Al.
30mΩ ESR
10kΩ
5.6nF
1.5nF
3.3V
6.8-
10µH
560µF Al
30mΩ ESR
10kΩ
8.2nF
1.5nF
5V
10-
15µH
470µF Al.
30mΩ ESR
15kΩ
5.6nF
1nF
12V
15-
22µH
220µF Al.
30mΩ ESR
15kΩ
4.7nF 390pF
To optimize the compensation components for
conditions not listed in Table 3, the following
procedure can be used.
1. Choose the compensation resistor (R3) to set
the desired crossover frequency. Determine the
R3 value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
×
×
×
×
π
=
Where fC is the desired crossover frequency
(which typically has a value no higher than
38KHz).
2. Choose the compensation capacitor (C3) to
achieve
the
desired
phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, below one forth of
the crossover frequency provides sufficient
phase margin.
Determine the C3 value by the following equation:
C
f
3
R
2
4
3
C
×
×
π
>
Where, R3 is the compensation resistor value.
3. Determine if the second compensation
capacitor (C6) is required. It is required if the ESR
zero of the output capacitor is located at less than
half of the 385KHz switching frequency, or the
following relationship is valid:
2
f
R
2
C
2
1
S
ESR
<
×
×
π
Where, CO is the output capacitance value, RESR
is the ESR value of the output capacitor, and fS is
the 385KHz switching frequency. If this is the
case, then add the second compensation
capacitor (C6) to set the pole fP3 at the location of
the ESR zero. Determine the C6 value by the
equation:
3
R
R
2
C
6
C
ESR
×
=
Where, CO is the output capacitance value, RESR
is the ESR value of the output capacitor, and R3
is the compensation resistor.
External Bootstrap Diode
It is recommended that an external bootstrap
diode be added when the system has a 5V fixed
input or the power supply generates a 5V output.
This helps improve the efficiency of the regulator.
The bootstrap diode can be a low cost one such
as IN4148 or BAT54.
MP1593
SW
BS
10nF
5V
MP1593_F02
Figure 2—External Bootstrap Diode
This diode is also recommended for high duty
cycle operation (when
IN
OUT
V
V
>65%) and high
output voltage (VOUT>12V) applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com