Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 44 Page - Exar Corporation

Part # XRT86VL34IB
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 44 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 40Page - Exar Corporation XRT86VL34IB Datasheet HTML 41Page - Exar Corporation XRT86VL34IB Datasheet HTML 42Page - Exar Corporation XRT86VL34IB Datasheet HTML 43Page - Exar Corporation XRT86VL34IB Datasheet HTML 44Page - Exar Corporation XRT86VL34IB Datasheet HTML 45Page - Exar Corporation XRT86VL34IB Datasheet HTML 46Page - Exar Corporation XRT86VL34IB Datasheet HTML 47Page - Exar Corporation XRT86VL34IB Datasheet HTML 48Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
XRT86VL34
41
QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
REV. V1.2.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUMS
Power Supply.....................................................................
VDDIO .. ................................................ -0.5V to +3.465V
VDDCORE...............................................-0.5V to +1.890V
Power Rating PBGA Package................................. 1.39W
(at zero airflow)
Storage Temperature ...............................-65°C to 150°C
Input Logic Signal Voltage (Any Pin) .........-0.5V to + 5.5V
Operating Temperature Range.................-40°C to 85°C
ESD Protection (HBM)...........................................>2000V
Supply Voltage ...................... GND-0.5V to +VDD + 0.5V
Input Current (Any Pin) ...................................... + 100mA
DC ELECTRICAL CHARACTERISTICS
Test Conditions: TA = 25°C, VDDIO = 3.3V + 5% , VDDCORE = 1.8V + 5%unless otherwise specified
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
ILL
Data Bus Tri-State Bus Leakage Current
-10
+10
µA
VIL
Input Low voltage
0.8
V
VIH
Input High Voltage
2.0
VDD
V
VOL
Output Low Voltage
0.0
0.4
V
IOL = -1.6mA
VOH
Output High Voltage
2.4
VDD
V
IOH = 40µA
IOC
Open Drain Output Leakage Current
µA
IIH
Input High Voltage Current
-10
10
µA
VIH = VDD
IIL
Input Low Voltage Current
-10
10
µA
VIL = GND
TABLE 4: XRT86VL34 POWER CONSUMPTION
VDDIO = 3.3V + 5% , VDDCORE = 1.8V + 5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
MODE
SUPPLY
VOLTAGE
IMPEDANCE
TERMINATION
RESISTOR
TRANSFORMER RATIO
TYP.
MAX.
UNIT
TEST
CONDITIONS
RECEIVER TRANSMITTER
E1
3.3V
75
Ω
Internal
1:1
1:2
1.035
W
PRBS Pattern
E1
3.3V
120
Ω
Internal
1:1
1:2
0.965
W
PRBS Pattern
T1
3.3V
100
Ω
Internal
1:1
1:2
1.105
W
PRBS Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com