Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 45 Page - Exar Corporation

Part # XRT86VL34IB
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 45 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 41Page - Exar Corporation XRT86VL34IB Datasheet HTML 42Page - Exar Corporation XRT86VL34IB Datasheet HTML 43Page - Exar Corporation XRT86VL34IB Datasheet HTML 44Page - Exar Corporation XRT86VL34IB Datasheet HTML 45Page - Exar Corporation XRT86VL34IB Datasheet HTML 46Page - Exar Corporation XRT86VL34IB Datasheet HTML 47Page - Exar Corporation XRT86VL34IB Datasheet HTML 48Page - Exar Corporation XRT86VL34IB Datasheet HTML 49Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
XRT86VL34
42
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
AC ELECTRICAL CHARACTERISTICS TRANSMIT FRAMER (BASE RATE/NON-MUX)
Test Conditions: TA = 25°C, VDD = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
t1
TxSERCLK to TxMSYNC delay
234
nS
t2
TxSERCLK to TxSYNC delay
230
nS
t3
TxSERCLK to TxSER data delay
230
nS
t4
Rising Edge of TxSERCLK to Rising Edge of TxCH-
CLK
13
nS
t5
Rising Edge of TxCHCLK to Valid TxCHN[4:0] Data
6
nS
t6
TxSERCLK to TxSIG delay
230
nS
t7
TxSERCLK to TxFRACT delay
110
nS
FIGURE 2. FRAMER SYSTEM TRANSMIT TIMING DIAGRAM (BASE RATE/NON-MUX)
TxMSYNC
TxSERCLK
TxSER
TxSYNC
TxCHN[4:0]
(Output)
TxCHCLK
(Output)
TxCHN_0
(TxSIG)
TxCHN_1
(TxFRACT)
t
1
t
3
t
5
t
2
t
4
t
6
t
7
A
B
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com