Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT86VL34IB
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 45Page - Exar Corporation XRT86VL34IB Datasheet HTML 46Page - Exar Corporation XRT86VL34IB Datasheet HTML 47Page - Exar Corporation XRT86VL34IB Datasheet HTML 48Page - Exar Corporation XRT86VL34IB Datasheet HTML 49Page - Exar Corporation XRT86VL34IB Datasheet HTML 50Page - Exar Corporation XRT86VL34IB Datasheet HTML 51Page - Exar Corporation XRT86VL34IB Datasheet HTML 52Page - Exar Corporation XRT86VL34IB Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
XRT86VL34
46
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
AC ELECTRICAL CHARACTERISTICS RECEIVE FRAMER (HMVIP/H100 MODE)
NOTE:
Both RxSERCLK and RxSYNC are inputs
FIGURE 6. FRAMER SYSTEM RECEIVE TIMING DIAGRAM (HMVIP/H100 MODE)
Test Conditions: TA = 25°C, VDD = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
t1
RxSYNC Setup Time - HMVIP Mode
4
nS
t2
RxSYNC Hold Time - HMVIP Mode
3
nS
t3
RxSYNC Setup Time - H100 Mode
5
nS
t4
RxSYNC Hold Time - H100 Mode
3
nS
t5
Rising Edge of RxSERCLK to Rising Edge of
RxSER delay
11
nS
RxSYNC
(H100 Mode)
t
4
t
3
RxSER
t
5
RxSYNC
(HMVIP Mode)
t
2
t
1
RxSERCLK
(16MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com