Electronic Components Datasheet Search
  English  ▼

X  

XRT94L33 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT94L33
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
PDF  465 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT94L33 Datasheet HTML 9Page - Exar Corporation XRT94L33 Datasheet HTML 10Page - Exar Corporation XRT94L33 Datasheet HTML 11Page - Exar Corporation XRT94L33 Datasheet HTML 12Page - Exar Corporation XRT94L33 Datasheet HTML 13Page - Exar Corporation XRT94L33 Datasheet HTML 14Page - Exar Corporation XRT94L33 Datasheet HTML 15Page - Exar Corporation XRT94L33 Datasheet HTML 16Page - Exar Corporation XRT94L33 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 465 page
background image
xr
XRT94L33
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
Rev.1.2.0.
13
PIN #
SIGNAL NAME
I/O
SIGNAL
TYPE
DESCRIPTION
M2
TXLCLKO_R_N
O
LVPECL
Transmit STS-3/STM-1 Clock – Negative Polarity PECL
Output – Redundant Port:
This output pin, along with TXLCLKO_R_P functions as the
Transmit Clock Output signal.
These output pins are typically used in “High-Speed” Back-Plane
Applications. In this case, outbound STS-3/STM-1 data is output
via the “TXLDATO_R_P/TXLDATO_R_N” output pins upon the
rising edge of this clock signal.
Note:
For APS (Automatic Protection Switching) purposes,
this output pin, along with “TXLCLKO_R_P” functions
as the “Redundant Transmit Output Clock” signal.
P1
REFTTL
I
TTL
19.44MHz or 77.76MHz Clock Synthesizer Reference Clock
Input Pin:
The exact function of this input pin depends upon whether the
user enables the “Clock Synthesizer” block or not.
If Clock Synthesizer is Enabled.
If the “Clock Synthesizer” block is enabled, then it will be used to
generate the 155.52MHz, 19.44MHz and/or 77.76MHz clock
signal for the STS-3/STM-1 block. In this mode, the user should
apply a clock signal of either of the following frequencies to this
input pin.
• 19.44 MHz
• 38.88 MHz
• 51.84 MHz
• 77.76 MHz
Afterwards, the user needs to write the appropriate data into the
“Transmit Line Interface Control Register“ (Address Location =
0x0383) in order to (1) configure the Clock Synthesizer Block to
accept any of the above-mentioned signals and generate a
155.52MHz, 19.44MHz or 77.76MHz clock signal, (2) to
configure the Clock Synthesizer to function as the Clock Source
for the STS-3/STM-1 block.
If Clock Synthesizer is NOT Enabled:
If the “Clock Synthesizer” block is NOT enabled, then it will NOT
be used to generate the 19.44MHz and/or 77.76MHz clock
signal, for the STS-3/STM-1 block. In this configuration seting,
the user MUST apply a 19.44MHz clock signal to this input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com