Electronic Components Datasheet Search
  English  ▼

X  

XRT94L33 Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT94L33
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
PDF  465 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33 Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT94L33 Datasheet HTML 81Page - Exar Corporation XRT94L33 Datasheet HTML 82Page - Exar Corporation XRT94L33 Datasheet HTML 83Page - Exar Corporation XRT94L33 Datasheet HTML 84Page - Exar Corporation XRT94L33 Datasheet HTML 85Page - Exar Corporation XRT94L33 Datasheet HTML 86Page - Exar Corporation XRT94L33 Datasheet HTML 87Page - Exar Corporation XRT94L33 Datasheet HTML 88Page - Exar Corporation XRT94L33 Datasheet HTML 89Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 465 page
background image
xr
XRT94L33
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
Rev.1.2.0.
85
E16
STS1RXD_D1_0
RXHDLCDAT_1_0
RXGFC_0
O
CMOS
Receive STS-1 Telecom Bus – Channel 0 – Output Data
Bus pin number 1:
The exact function of this output pin depends upon whether
the STS-1 Telecom Bus Interface, associated with Channel 0
is enabled or not.
If STS-1 Telecom Bus (Channel 0) has been enabled –
STS-1 Receive Telecom Bus – Output Data bus pin number 1:
STS1RXD_D1_0
This
output
pin
along
with
“STS1RXD_D_0[7:2]”
and
“STS1RXD_D0_0 function as the “STS-1 Receive (Drop)
Telecom Bus – Output Data Bus for Channel 0. The STS-1
Telecom Bus Interface will update the data via this output
upon the rising edge of “STS1RXD_CK_0:.
RXHDLCDAT_1_0 (Receive HDLC block data output –
Channel 0 – Output Data Bus pin 1):
RXGFC_0 (Receive GFC output data – Channel 0)
D16
STS1RXD_D2_0
RXHDLCDAT_2_0
RXCELLRXED_0
O
CMOS
Receive STS-1 Telecom Bus – Channel 0 – Output Data
Bus pin number 2:
The exact function of this output pin depends upon whether
the STS-1 Telecom Bus Interface, associated with Channel 0
is enabled or not.
If STS-1 Telecom Bus (Channel 0) has been enabled –
STS-1 Receive Telecom Bus – Output Data bus pin number 2:
STS1RXD_D2_0
This output pin along with “STS1RxD_D_0[7:3]” and
“STS1RxD_D_0[1:0]” function as the “STS-3/STM-1
Receive (Drop) Telecom Bus – Output Data Bus for
Channel 0. The STS-3/STM-1 Telecom Bus Interface
will update the data via this output upon the rising edge
of “STS1RxD_CK_0:.
RXHDLCDAT_2_0 (Receive HDLC block data output –
Channel 0 – Output Data Bus pin 2)
RXCELLRXED_0
(Receive
cell
received
indicator
–
Channel 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com