| Electronic Components Datasheet Search |
|
XRT94L33 Datasheet(PDF) 39 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT94L33 Datasheet(HTML) 39 Page - Exar Corporation |
|
39 / 465 page ![]() xr XRT94L33 3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET Rev.1.2.0. 39 A9 D17 AF18 TxOHFRAME_0 TxOHFRAME_1 TxOHFRAME_2 O CMOS Transmit Overhead Framing Pulse: This input pin functions as the “Transmit Overhead Framing” Pulse for the transmit system side interface when the XRT94L33 is configured to operate in DS3/E3 mode, however, it functions as the “Transmit STS-1 Overhead Enable” output when the device is configured to operate in the STS-1 mode. When configured to operate in DS3/E3 mode: This output pin pulses high (for one TxOHClk_n” period) coincident with the instant that the DS3/E3 Frame Generator block will be accepting the very first overhead bit within an outbound DS3 or E3 frame (via Transmit Overhead Data Input Interface). When configured to operate in STS-1 mode: These output pins, along with the “TxOH_n”, “TxOHEnable_n”, “TxOHIns_n” and “TxOHClk_n” function as the “Transmit Overhead Input Port”. The exact function of these output pins depends upon whether the user inserting POH or TOH data via the “TxOH_n” input pins. If the user is only inserting POH data via these input pins: In this mode, the “TxOH” port will pulse these output pins “high” whenever it is ready to accept and process the J1 byte (e.g., the very first POH byte) via this port. If the user is inserting both POH and TOH data via these input pins: In this mode, the “TxOH” port will pulse these output pins “high” coincident with the following. Whenever the “TxOH” port is ready to accept and process the A1 byte (e.g., the very first TOH byte) via this port. Whenever the “TxOH” port is ready to accept and process the J1 byte (e.g., the very first POH byte) via this port. Notes: 1. The externally circuitry can determine whether the “TxOH” port is expecting the A1 byte or the J1 byte, by checking the state of the corresponding “TxOHEnable” output pin. If the “TxOHEnable_n” output pin is “LOW” while the “TxOHFrame_n” output pin is “HIGH”, then the “TxOH” port is ready to process the A1 (TOH) bytes. 2. If the “TxOHEnable_n” output pin is “HIGH” while the “TxOHFrame_n” output pin is “HIGH”, then the “TxOH” port is ready to process the J1 (POH) bytes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |