Electronic Components Datasheet Search
  English  ▼

X  

SA8016 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA8016
Description  2.5GHz low voltage fractional-N synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8016 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA8016 Datasheet HTML 1Page - NXP Semiconductors SA8016 Datasheet HTML 2Page - NXP Semiconductors SA8016 Datasheet HTML 3Page - NXP Semiconductors SA8016 Datasheet HTML 4Page - NXP Semiconductors SA8016 Datasheet HTML 5Page - NXP Semiconductors SA8016 Datasheet HTML 6Page - NXP Semiconductors SA8016 Datasheet HTML 7Page - NXP Semiconductors SA8016 Datasheet HTML 8Page - NXP Semiconductors SA8016 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Philips Semiconductors
Product specification
SA8016
2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
5
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
Digital supply voltage
–0.3
+5.5
V
VDDCP
Analog supply voltage
–0.3
+5.5
V
∆VDDCP–VDD
Difference in voltage between VDDCP and VDD (VDDCP ≥ VDD)
–0.3
+2.8
V
Vn
Voltage at pins 1, 2, 5, 6, 11 to 16
–0.3
VDD + 0.3
V
V1
Voltage at pin 8, 9
–0.3
VDDCP + 0.3
V
∆VGND
Difference in voltage between GNDCP and GND (these pins should be
connected together)
–0.3
+0.3
V
Tstg
Storage temperature
–55
+125
°C
Tamb
Operating ambient temperature
–40
+85
°C
Tj
Maximum junction temperature
150
°C
Handling
Inputs and outputs are protected against electrostatic discharge in
normal handling. However, to be totally safe, it is desirable to take
normal precautions appropriate to handling MOS devices.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j–a
Thermal resistance from junction to ambient in free air
120
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com