Electronic Components Datasheet Search
  English  ▼

X  

SA8016 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SA8016
Description  2.5GHz low voltage fractional-N synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8016 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SA8016 Datasheet HTML 12Page - NXP Semiconductors SA8016 Datasheet HTML 13Page - NXP Semiconductors SA8016 Datasheet HTML 14Page - NXP Semiconductors SA8016 Datasheet HTML 15Page - NXP Semiconductors SA8016 Datasheet HTML 16Page - NXP Semiconductors SA8016 Datasheet HTML 17Page - NXP Semiconductors SA8016 Datasheet HTML 18Page - NXP Semiconductors SA8016 Datasheet HTML 19Page - NXP Semiconductors SA8016 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
2.5GHz low voltage fractional-N frequency
synthesizer
Philips Semiconductors
Product specification
SA8016
1999 Nov 04
17
HBCC24: plastic, heatsink bottom chip carrier; 24 terminals; body 4 x 4 x 0.65 mm
SOT564-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com