Electronic Components Datasheet Search
  English  ▼

X  

MP2361 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2361
Description  2A, 23V, 1.4MHz Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2361 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2361 Datasheet HTML 1Page - Monolithic Power Systems MP2361 Datasheet HTML 2Page - Monolithic Power Systems MP2361 Datasheet HTML 3Page - Monolithic Power Systems MP2361 Datasheet HTML 4Page - Monolithic Power Systems MP2361 Datasheet HTML 5Page - Monolithic Power Systems MP2361 Datasheet HTML 6Page - Monolithic Power Systems MP2361 Datasheet HTML 7Page - Monolithic Power Systems MP2361 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP2361 – 2A, 23V, 1.4MHz STEP-DOWN CONVERTER
MP2361 Rev. 1.2
www.MonolithicPower.com
2
1/11/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
MP2361_PD01-QFN10
TOP VIEW
NC
BS
NC
IN
SW
1
2
3
4
5
SS
EN
COMP
FB
GND
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
Part Number*
Package
Temperature
MP2361DQ
QFN10
(3mm x 3mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2361DQ–Z)
For Lead Free, add suffix –LF (eg. MP2361DQ –LF–Z)
NC
BS
NC
IN
SW
1
2
3
4
5
10
9
8
7
6
SS
EN
COMP
FB
GND
TOP VIEW
MP2361_PD01-MSOP10
Part Number**
Package
Temperature
MP2361DK
MSOP10
–40
°C to +85°C
** For Tape & Reel, add suffix –Z (eg. MP2361DK–Z)
For Lead Free, add suffix –LF (eg. MP2361DK –LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage (VIN)..................................... 25V
Switch Node Voltage (VSW) .......................... 26V
Bootstrap Voltage (VBS) ....................... VSW + 6V
Feedback Voltage (VFB) .................–0.3V to +6V
Enable/UVLO Voltage (VEN)...........–0.3V to +6V
Comp Voltage (VCOMP) ...................–0.3V to +6V
Junction Temperature.............................+150
°C
Lead Temperature ..................................+260
°C
Storage Temperature.............. –65°C to +150
°C
Recommended Operating Conditions
(2)
Supply Voltage (VIN) ...................... 4.75V to 23V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
QFN10 (3mmx3mm)............... 50 ...... 12...
°C/W
MSOP10 ................................ 150 ..... 65...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.75V
≤ VIN ≤ 23V
0.892
0.920
0.948
V
Upper Switch On Resistance
RDS(ON)1
0.18
Ω
Lower Switch On Resistance
RDS(ON)2
10
Ω
Upper Switch Leakage
VEN = 0V; VSW = 0V
0
10
µA
Current Limit
(4)
2.8
3.5
A
Current Sense Transconductance
Output Current to Comp Pin Voltage
GCS
1.95
A/V
Error Amplifier Voltage Gain
AVEA
400
V/V
Error Amplifier Transconductance
GEA
∆IC = ±10µA
630
930
1230
µA/V
Oscillator Frequency
fS
1.4
MHz
Short Circuit Frequency
VFB = 0V
210
KHz
Soft-Start Pin Equivalent
Output Resistance
9
kΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com