Electronic Components Datasheet Search
  English  ▼

X  

MP2361 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2361
Description  2A, 23V, 1.4MHz Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2361 Datasheet(HTML) 8 Page - Monolithic Power Systems

  MP2361 Datasheet HTML 1Page - Monolithic Power Systems MP2361 Datasheet HTML 2Page - Monolithic Power Systems MP2361 Datasheet HTML 3Page - Monolithic Power Systems MP2361 Datasheet HTML 4Page - Monolithic Power Systems MP2361 Datasheet HTML 5Page - Monolithic Power Systems MP2361 Datasheet HTML 6Page - Monolithic Power Systems MP2361 Datasheet HTML 7Page - Monolithic Power Systems MP2361 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MP2361 – 2A, 23V, 1.4MHz STEP-DOWN CONVERTER
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2361 Rev. 1.2
www.MonolithicPower.com
8
1/11/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
QFN10 (3mm x 3mm)
2.95
3.05
2.95
3.05
QFN10L
(3 x3mm)
Top View
Pin1
Identif ication
0.85
0.95
0.000-
0.050
0.178
0.228
SideView
Note:
1)Dimensionsareinmillimeters.
Pin 1
Identif ication
R0.200TYP
2.000
Ref
2.35
2.45
Exp.DAP
1.65
1.75
Exp.DAP
0.500
Bsc
0.20
0.30
0.35
0.45
BottomView
10
65
1
MSOP10
NOTE:
1) Control dimension is in inches. Dimension in bracket is millimeters.
2) Package length does not include mold flash, protrusions or gate burr.
3) Package width does not include interlead flash or protrusions.
SEE DETAIL "A"
0.004(0.100)
0.008(0.200)
GATE PLANE 0.010(0.250)
0.017(0.400)
0.025(0.600)
0o-6o
DETAIL "A"
0.014(0.350)TYP
0.014(0.350)TYP
0.0197(0.500)TYP
PIN1
IDENT.
0.114(2.900)
0.122(3.100)
0.184(4.700)
0.200(5.100)
15
6
10
0.032(0.800)
0.044(1.100)
0.008(0.200)REF
0.030(0.750)
0.038(0.950)
0.002(0.050)
0.006(0.150)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com