Electronic Components Datasheet Search
  English  ▼

X  

MP2361 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2361
Description  2A, 23V, 1.4MHz Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2361 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2361 Datasheet HTML 1Page - Monolithic Power Systems MP2361 Datasheet HTML 2Page - Monolithic Power Systems MP2361 Datasheet HTML 3Page - Monolithic Power Systems MP2361 Datasheet HTML 4Page - Monolithic Power Systems MP2361 Datasheet HTML 5Page - Monolithic Power Systems MP2361 Datasheet HTML 6Page - Monolithic Power Systems MP2361 Datasheet HTML 7Page - Monolithic Power Systems MP2361 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP2361
2A, 23V, 1.4MHz
Step-Down Converter
MP2361 Rev. 1.2
www.MonolithicPower.com
1
1/11/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2361 is a monolithic step-down switch
mode converter with a built-in internal power
MOSFET. It achieves 2A continuous output
current over a wide input supply range with
excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protections include cycle-by-cycle
current limiting and thermal shutdown. In
shutdown mode the regulator draws 20µA of
supply
current.
Programmable
soft-start
minimizes the inrush supply current and the
output overshoot at initial startup.
The MP2361 requires a minimum number of
readily available standard external components.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2361DQ-00A
2.3”X x 1.5”Y x 0.5”Z
FEATURES
• 2A Output Current with QFN Package
• 0.18Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• 90% Efficiency
• 20µA Shutdown Mode
• Fixed 1.4MHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.75V to 23V Operating Input Range
• Output Adjustable from 0.92V to 16V
• Programmable Under Voltage Lockout
• Available in 10-pin QFN (3mm x 3mm) and
Tiny MSOP Packages
• Evaluation Board Available
APPLICATIONS
• Distributed Power Systems
• Battery Charger
• DSL Modems
• Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2361
SW
IN
BS
42
FB
5
7
SS
COMP
GND
8
6
EN
10
9
VOUT
2.5V/2A
INPUT
4.75V to 23V
MP2361_TAC_S01
C5
10nF
C3
1.8nF
C4
10nF
D1
B220A
C6
OPEN
VOUT=5V
VOUT=2.5V
VOUT=3.3V
100
90
80
70
60
50
0
2.0
0.5
1.0
1.5
LOAD CURRENT (A)
MP2361-EC01
Efficiency vs
Load Current


Similar Part No. - MP2361

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2361DK MPS-MP2361DK Datasheet
204Kb / 3P
2A, 1.4MHz Step-Down Converter Evaluation Board
MP2361DQ MPS-MP2361DQ Datasheet
204Kb / 3P
2A, 1.4MHz Step-Down Converter Evaluation Board
More results

Similar Description - MP2361

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232_17 Datasheet
1Mb / 14P
2A, 38V, 1.4MHz Step-Down Converter
logo
Feeling Technology Corp...
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
2A, 23V, 380KHz Step-Down Converter
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
2A, 23V, 1.4MHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9761 FITIPOWER-FR9761 Datasheet
743Kb / 12P
23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com