Electronic Components Datasheet Search
  English  ▼

X  

MP8100 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8100
Description  Precision High-Side Current-Sense Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8100 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8100 Datasheet HTML 1Page - Monolithic Power Systems MP8100 Datasheet HTML 2Page - Monolithic Power Systems MP8100 Datasheet HTML 3Page - Monolithic Power Systems MP8100 Datasheet HTML 4Page - Monolithic Power Systems MP8100 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MP8100 – PRECISION HIGH-SIDE CURRENT-SENSE AMPLIFIER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP8100 Rev. 0.91
www.MonolithicPower.com
3
4/14/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS (continued)
VCC = 10V, VSHDN = 0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUT1 Rise, Fall Time
(4)
tR, tF
VSENSE = 10mV to 150mV,
ROUT1 = 10kΩ,
RG1 = RG2 = 2kΩ,
COUT1 = 50pF, 10% to 90%
TBD
µs
OUT2 Rise, Fall Time
(4)
tR, tF
VSENSE = 10mV to 150mV,
R OUT2 = 100kΩ,
RG1 = RG2 = 2kΩ,
COUT2 = 100pF, 10% to 90%
TBD
µs
Maximum OUT1 Current
(4)
IOUT1
500
µA
Maximum OUT2 Current
(4)
IOUT2
5
mA
Notes:
4) Guaranteed by design.
5) Input common mode range cannot exceed the supply voltage.
PIN FUNCTIONS
Pin #
Name Description
1
SHDN
Shutdown. Connect to ground for normal operation. When high, supply current is less than
5µA.
2
NC
Not Connected.
3
RG1
Gain Resistor. Connect to battery side of current-sense resistor through the gain resistor.
4
GND
Ground or Battery Negative Terminal.
5
OUT1 Output For Driving Resistive Loads.
6
RG2
Gain Resistor. Connect to load side of current-sense resistor through the gain resistor.
7
VCC
Power Input. Connect to Battery Input.
8
OUT2 Output For Driving Capacitive Loads.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com