Electronic Components Datasheet Search
  English  ▼

X  

MP8100 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8100
Description  Precision High-Side Current-Sense Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8100 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8100 Datasheet HTML 1Page - Monolithic Power Systems MP8100 Datasheet HTML 2Page - Monolithic Power Systems MP8100 Datasheet HTML 3Page - Monolithic Power Systems MP8100 Datasheet HTML 4Page - Monolithic Power Systems MP8100 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MP8100 – PRECISION HIGH-SIDE CURRENT-SENSE AMPLIFIER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP8100 Rev. 0.91
www.MonolithicPower.com
4
4/14/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
OPERATION
The MP8100 is a current-sense amplifier with a
wide operating input voltage range of 2.5V to
18V.
BIAS +
ENABLE
SHDN
NC
RG1
BUFFER
MP8100_F01_BD
ERROR
AMPLIFIER
OUT2
RG2
OUT1
VCC
GND
8
7
6
5
1
2
3
4
--
+
--
+
Figure 1—Functional Block Diagram
APPLICATION INFORMATION
COMPONENT SELECTION
Table 1—Suggested Component Values
Full-Scale Load
Current, ISENSE (A)
Current Sense
Resistor (mΩ)
Gain Setting Resistor
(kΩ) (RG1 = RG2)
ROUT1
(kΩ)
Gain
0.1
500
2
20
10
1
50
2
20
10
5
10
2
20
10
10
5
2
20
10
The value of VOUT1 can be obtained with the equation:
Gain
R
I
R
R
R
I
V
S
L
1
G
1
OUT
S
L
OUT
×
×
=
×
×
=
Where RG1 is the sense resistor and IL is the load current.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com