Electronic Components Datasheet Search
  English  ▼

X  

MP8100 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8100
Description  Precision High-Side Current-Sense Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8100 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8100 Datasheet HTML 1Page - Monolithic Power Systems MP8100 Datasheet HTML 2Page - Monolithic Power Systems MP8100 Datasheet HTML 3Page - Monolithic Power Systems MP8100 Datasheet HTML 4Page - Monolithic Power Systems MP8100 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MP8100
Precision High-Side
Current-Sense Amplifier
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP8100 Rev. 0.91
www.MonolithicPower.com
1
4/14/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP8100 is a low-cost, precision, high-side
current-sense amplifier. This device operates
from a single 2.5V to 18V supply and typically
consumes 17µA. It is ideal for today’s notebook
computers, cell phones and other systems
where battery/DC current monitoring is critical.
High-side current monitoring is especially useful
in battery-powered systems since it does not
interfere with the ground path of the battery
charger. The input common-mode range of
1.5V to 18V is independent of the supply
voltage and ensures that the current-sense
feedback remains viable even when connected
to a 2-cell battery pack in deep discharge.
FEATURES
• Low-Cost, Compact Current-Sense Solution
• 17µA Typical Supply Current
• 2.5V to 18V Operating Supply Voltage
• 1.5V to 18V Input Common Mode Range
• 1µA Typical Shutdown Current
• 250µV Input Offset Voltage
• High Current Sensing Capability
• Low 100mΩ Output Impedance (Optional)
• Available in an 8-Pin SOIC Package
APPLICATIONS
• Portable PCs
• PDA’s
• Smart Battery Packs
• Cell Phones
• Portable Test/Measurement Systems
• Battery-Operated Systems
• Energy Management Systems
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP8100
RG1
VCC
SHDN
GND
3
7
1
4
6
8
5
RG2
OUT2
OUT1
COUT2
100pF
COUT1
Opt.
LOAD
MP8100_TAC_S01
SHUTDOWN
VOLTAGE
--
+
--
+
VIN
ROUT2
Opt.


Similar Part No. - MP8100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP810 ETC1-MP810 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Dc Components
MP810 DCCOM-MP810 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP810 GOOD-ARK-MP810 Datasheet
97Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP810 CHENG-YI-MP810 Datasheet
125Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP810 FORMOSA-MP810 Datasheet
112Kb / 6P
Bridge Rectifier
More results

Similar Description - MP8100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
logo
Linear Technology
LT6100 LINER-LT6100 Datasheet
257Kb / 16P
Precision, Gain Selectable High Side Current Sense Amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
logo
Linear Technology
LT6100 LINER-LT6100_15 Datasheet
1Mb / 18P
Precision, Gain Selectable High Side Current Sense Amplifier
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
Precision High-Side Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com