Electronic Components Datasheet Search
  English  ▼

X  

PH250MLI Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # PH250MLI
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PH250MLI Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button PH250MLI Datasheet HTML 35Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 36Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 37Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 38Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 39Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 40Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 41Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 42Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
SECTION 9
SECTION 1
67
Machine Tool indusTrial conTrol
© Hammond Power Solutions Inc.
Data subject to change without notice.
Group d
1
2
3
4
1
2
3
4
4
3
1
2
6
7
6
1
2
4
3
8
5
5
3
4
2
1
2
1
3
4
HV
LV
230V
460V
240V
480V
220V
440V
11.5V
23V
12V
24V
11V
22V
pH***Qr schematic for 50, 75 and 100Va units
High Voltage (HV)
Install supplied links
supply lines
Install fuse
(primary Volts)
Between terminals
Connect to
Clips to
240
230
220
1-2, 3-4
1, 4
Unfused
480
460
440
2-3
1, 4
Unfused
240 230 220
1-2, 3-4
6, 7
1-5, 4-8
480 460 440
2-3
6, 7
1-5, 4-8
low Voltage (lV)
Install supplied links
load lines
Install fuse
(secondary Volts)
Between terminals
Connect to
Clips to
12
11.5
11
3-4, 1-2
1, 4
Unfused
24
23
22
2-3
1, 4
Unfused
12
11.5
11
3-4, 1-2
4, 6
1-5
24
23
22
2-3
4, 6
1-5
pH***Qr schematic for 150Va to 500Va units
High Voltage (HV)
Install supplied links
supply lines
Install fuse
(primary Volts)
Between terminals
Connect to
Clips to
240
230
220
2-3, 4-5
2, 5
Unfused
480
460
440
3-4
2, 5
Unfused
240 230 220
2-3, 4-5
1, 6
2-7, 5-8
480 460 440
3-4
1, 6
2-7, 5-8
low Voltage (lV)
Install supplied links
load lines
Install fuse
(secondary Volts)
Between terminals
Connect to
Clips to
12
11.5
11
4-5, 2-3
2, 5
Unfused
24
23
22
3-4
2, 5
Unfused
12 11.5 11
4-5, 2-3
1, 5
2-7
24
23
22
3-4
1, 5
2-7
2
3
4
5
2
3
4
5
1
6
1
8
7
7
3 2
4
5
6
1
5
6
4
2 1
3
LV
2
1
3 4
HV
5 6
2
1
3 4 5 6
230V
460V
240V
480V
220V
440V
11.5V
23V
12V
24V
11V
22V
HPS Imperator - Wiring schematic drawings continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com