Electronic Components Datasheet Search
  English  ▼

X  

PH250MLI Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # PH250MLI
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PH250MLI Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button PH250MLI Datasheet HTML 40Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 41Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 42Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 43Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 44Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 45Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 46Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 47Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
72
HPS IMPERATOR®
SECTION 1
© Hammond Power Solutions Inc.
Data subject to change without notice.
HPS Imperator - Wiring schematic drawings continued
Group I
1
3
6
4
7
2
3
4
1
6
5
8
5
HV
LV
Dotted line represents
supplied jumper lead*
480V/460V/440V
240V/230V/220V
208V/200V
25V/24V/23V
120V/115V/110V
pH***mlI schematic for 50, 75 and 100Va units
High Voltage (HV)
Install supplied Jumpers
supply lines
Install fuse
(primary Volts)
Between terminals
Connect to
Clips to
480
460
440
none
1, 3
Unfused
240 230 220
None
1, 7
Unfused
208
200
none
1, 2
Unfused
480
460
440
3-8
6, 4
1-5, 4-8
240 230 220
8-7
6, 4
1-5, 4-8
208
200
2-8
6, 4
1-5, 4-8
low Voltage (lV)
Install supplied Jumpers
load lines
Install fuse
(secondary Volts)
Between terminals
Connect to
Clips to
120
115
110
none
1, 4
Unfused
25
24
23
none
1, 3
Unfused
120
115
110
none
4, 6
1-5
25
24
23
none
3, 6
1-5
pH***mlI schematic for 150Va to 500Va units
2
6
1
5
4
3
3
4
2
1
7
8
7
Dotted line represents
supplied jumper lead*
LV
HV
480V/460V/440V
240V/230V/220V
208V/200V
25V/24V/23V
120V/115V/110V
High Voltage (HV)
Install supplied Jumpers
supply lines
Install fuse
(primary Volts)
Between terminals
Connect to
Clips to
480
460
440
none
2, 6
Unfused
240
230
220
none
2, 4
Unfused
208
200
none
2, 3
Unfused
480 460 440
8-6
1, 5
2-7, 5-8
240 230 220
4-8
1, 5
2-7, 5-8
208 200
3-8
1, 5
2-7, 5-8
low Voltage (lV)
Install supplied Jumpers
load lines
Install fuse
(secondary Volts)
Between terminals
Connect to
Clips to
120
115
110
none
2, 4
Unfused
25
24
23
none
2, 3
Unfused
120 115 110
None
1, 4
2-7
25
24
23
None
1, 3
2-7
pH***mlI schematic for 750Va and 1000Va units
2
6
1
5
4
3
2
4
1
7
8
Dotted line represents
supplied jumper lead*
LV
HV
480V/460V/440V
240V/230V/220V
208V/200V
25V/24V/23V
120V/115V/110V
High Voltage (HV)
Install supplied Jumpers
supply lines
Install fuse
(primary Volts)
Between terminals
Connect to
Clips to
480
460
440
none
2, 6
Unfused
240
230
220
none
2, 4
Unfused
208
200
none
2, 3
Unfused
480 460 440
8-6
1, 5
2-7, 5-8
240 230 220
4-8
1, 5
2-7, 5-8
208 200
3-8
1, 5
2-7, 5-8
low Voltage (lV)
Install supplied Jumpers
load lines
Install fuse
(secondary Volts)
Between terminals
Connect to
Clips to
120
115
110
none
1, 4
Unfused
25
24
23
none
1, 2
Unfused
note: secondary fuse clips for 24V tap not available on the pH750mlI or pH1000mlI units.
*this primary fuse jumper is supplied with the primary fuse kit only.
*this primary fuse jumper is supplied with the primary fuse kit only.
*this primary fuse jumper is supplied with the primary fuse kit only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com