Electronic Components Datasheet Search
  English  ▼

X  

PH250MLI Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # PH250MLI
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PH250MLI Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button PH250MLI Datasheet HTML 44Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 45Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 46Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 47Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 48Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 49Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 50Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 51Page - List of Unclassifed Manufacturers PH250MLI Datasheet HTML 52Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
76
SECTION 1
HPS
SPARTAN® & HPS FUSION™
© Hammond Power Solutions Inc.
Data subject to change without notice.
HPS fusion and Hps Spartan - Wiring schematic drawings continued
Group C
sp***mQmJ schematic Connections for 240 X 480 to 120 X 240
fs***mQmJ schematic Connections for 240 X 480 to 120 X 240
High Voltage (HV)
(primary Volts)
Install supplied Jumpers
Between terminals
supply lines
Connect to
240
230
220
H1-H3, H2-H4
H1, H4
480
460
440
H2-H3
H1, H4
low Voltage (lV)
(secondary Volts)
Install supplied links
Between terminals
load lines
Connect to
120
115
110
X1-X3, X2-X4
X1, X4
240
230
220
X2-X3
X1, X4
X1
X3
X2
X4
H1
H3
H2
H4
X4 X2
X1
X3
H1 H3
H4
H2
H2 H4
H3
H1
X3 X1
X2
X4
HV
LV
220V
440V
230V
460V
240V
480V
120V
240V
115V
230V
110V
220V
Group d
sp***Qr schematic Connections for 240 X 480 to 12 X 24
fs***Qr schematic Connections for 240 X 480 to 12 X 24
High Voltage (HV)
(primary Volts)
Install supplied Jumpers
Between terminals
supply lines
Connect to
240
230
220
H1-H3, H2-H4
H1, H4
480
460
440
H2-H3
H1, H4
low Voltage (lV)
(secondary Volts)
Install supplied links
Between terminals
load lines
Connect to
12
11.5
11
X1-X3, X2-X4
X1, X4
24
23
22
X2-X3
X1, X4
X1
X3
X2
X4
H1
H3
H2
H4
X4 X2
X1
X3
H1 H3
H4
H2
H2 H4
H3
H1
X3 X1
X2
X4
HV
LV
240V
480V
230V
460V
220V
440V
11V
22V
11.5V
23V
12V
24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com