Electronic Components Datasheet Search
  English  ▼

X  

PBHT-80/2/1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PBHT-80/2/1
Description  Add-on Residual Current Protection PBSM MW
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PBHT-80/2/1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PBHT-80/2/1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 4Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 5Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 6Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 8Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
39
Add-o
on R
Residual C
Current P
Protection U
Unit
PBHT
SG6002
• By combination with miniature circuit breaker PLHT => RCBO unit
(MCCB)
• Add-on residual current unit (screw connection) for 80 or 125 A (2-
pole and 4-pole)
• High flexibility and ease of installation thanks to variable wiring
• Free selection of main power supply
• Auxiliary switch 1 make contact included as standard in all PBHT
versions
• Permits combinations with a variety of characteristics thanks to the
different rated currents and characteristics of the miniature circuit
breakers PLHT which can be connected
• For commercial and industry applications
• For subsequent mounting onto 2, 3, 3+N and 4-pole-miniature circuit
breakers PLHT
• The screw connection to the PLHT-device can be unscrewed at any
time. Consequently, in case of modifications of the systems to be pro-
tected, the installation can be adapted to new requirements at any
time.
Protective Devices
SG_Bestell_MV_E.qxd
25.04.2005
09:39
Seite 39



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com