Electronic Components Datasheet Search
  English  ▼

X  

PBHT-80/2/1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PBHT-80/2/1
Description  Add-on Residual Current Protection PBSM MW
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PBHT-80/2/1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PBHT-80/2/1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 4Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 5Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 6Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 8Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
40
A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt P
PB
BH
HT
T
AC-sensitive, conditionally surge-current-proof 250 A
I
n/I
∆n (A)
Type Designation
Article No.
Units per package
2
2-p
po
olle
e
80/0.03
80/0.30
80/0.50
80/1.00
125/0.03
125/0.30
125/0.50
125/1.00
PBHT-80/2/003
248818
1 / 4
PBHT-80/2/03
248820
1 / 4
PBHT-80/2/05
248822
1 / 4
PBHT-80/2/1
248824
1 / 4
PBHT-125/2/003
248799
1 / 4
PBHT-125/2/03
248801
1 / 4
PBHT-125/2/05
248803
1 / 4
PBHT-125/2/1
248805
1 / 4
SG5902
4
4-p
po
olle
e
80/0.03
80/0.30
80/0.50
80/1.00
125/0.03
125/0.30
125/0.50
125/1.00
PBHT-80/4/003
248826
1 / 4
PBHT-80/4/03
248828
1 / 4
PBHT-80/4/05
248831
1 / 4
PBHT-80/4/1
248834
1 / 4
PBHT-125/4/003
248807
1 / 4
PBHT-125/4/03
248809
1 / 4
PBHT-125/4/05
248812
1 / 4
PBHT-125/4/1
248815
1 / 4
SG6002
A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt P
PB
BH
HT
T
Sensitive to residual pulsating DC, conditionally surge current-proof 250 A
I
n/I
∆n (A)
Type Designation
Article No.
Units per package
2
2-p
po
olle
e
80/0.03
80/0.30
80/0.50
80/1.00
125/0.03
125/0.30
125/0.50
125/1.00
PBHT-80/2/003-A
248819
1 / 4
PBHT-80/2/03-A
248821
1 / 4
PBHT-80/2/05-A
248823
1 / 4
PBHT-80/2/1-A
248825
1 / 4
PBHT-125/2/003-A
248800
1 / 4
PBHT-125/2/03-A
248802
1 / 4
PBHT-125/2/05-A
248804
1 / 4
PBHT-125/2/1-A
248806
1 / 4
SG5902
4
4-p
po
olle
e
80/0.03
80/0.30
80/0.50
80/1.00
125/0.03
125/0.30
125/0.50
125/1.00
PBHT-80/4/003-A
248827
1 / 4
PBHT-80/4/03-A
248829
1 / 4
PBHT-80/4/05-A
248832
1 / 4
PBHT-80/4/1-A
248835
1 / 4
PBHT-125/4/003-A
248808
1 / 4
PBHT-125/4/03-A
248810
1 / 4
PBHT-125/4/05-A
248813
1 / 4
PBHT-125/4/1-A
248816
1 / 4
SG6002
E
Exxp
plla
an
na
attiio
on
n P
PB
BH
HT
T::
P
P =
= X
XP
Po
olle
e,, B
BH
HT
T =
= A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt o
on
ntto
o P
PLLH
HT
T
Protective Devices
SG_Bestell_MV_E.qxd
25.04.2005
09:39
Seite 40



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com