Electronic Components Datasheet Search
  English  ▼

X  

PBHT-80/2/1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PBHT-80/2/1
Description  Add-on Residual Current Protection PBSM MW
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PBHT-80/2/1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PBHT-80/2/1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 4Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 5Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 6Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 8Page - List of Unclassifed Manufacturers PBHT-80/2/1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
36
• By combining this device with a top-quality miniature circuit
breaker of type PLS. (except PLSN) a top-quality RCBO unit
(combined RCD/MCB device) is formed.
• Draw-out connection bar locked in installation position
• For subsequent mounting onto 2-, 3-, 3+N- and 4-pole minia-
ture circuit breakers PLS.
• Rated current 40 and 63 A
Add-o
on R
Residual C
Current P
Protection P
PBSM
MW
WA_SG11902
Protective Devices
SG_Bestell_MV_E.qxd
25.04.2005
09:39
Seite 36


Similar Part No. - PBHT-80/2/1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PBH MACOM-PBH Datasheet
238Kb / 3P
Miniature Power PCB Relay
logo
PowerDynamics, Inc
PBH POWERDYNAMICS-PBH Datasheet
506Kb / 2P
16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
logo
List of Unclassifed Man...
PBH ETC-PBH Datasheet
1,022Kb / 2P
PRECISION SHUNT RESISTROS
logo
TE Connectivity Ltd
PBH TEC-PBH Datasheet
225Kb / 2P
1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
logo
Isabellenhütte Heu...
PBH ISABELLENHUETTE-PBH Datasheet
497Kb / 4P
Precision resistors
More results

Similar Description - PBHT-80/2/1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA2LD ETC2-KA2LD Datasheet
405Kb / 8P
Residual current devices
logo
Cooper Bussmann, Inc.
3723 COOPER-3723 Datasheet
55Kb / 1P
Add-On Fuseblocks
logo
Axiomtek Co., Ltd.
AX93338 AXIOMTEK-AX93338 Datasheet
155Kb / 1P
Add-on Cards
logo
PHOENIX CONTACT
2806223 PHOENIX-2806223 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806236 PHOENIX-2806236 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806249 PHOENIX-2806249 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
logo
Kemet Corporation
FG-R05-3A KEMET-FG-R05-3A Datasheet
851Kb / 11P
Residual current sensor
logo
Weidmuller
2603420000 WEIDMULLER-2603420000 Datasheet
186Kb / 4P
Residual current transformer, Primary current: 25A
2603430000 WEIDMULLER-2603430000 Datasheet
188Kb / 4P
Residual current transformer, Primary current: 25A
2603440000 WEIDMULLER-2603440000 Datasheet
186Kb / 4P
Residual current transformer, Primary current: 25A
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com