Electronic Components Datasheet Search
  English  ▼

X  

FGF1 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # FGF1
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FGF1 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button FGF1 Datasheet HTML 12Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 13Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 14Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 15Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 16Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 17Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 18Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 19Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
44
HPS IMPERATOR®
SECTION 1
© Hammond Power Solutions Inc.
Data subject to change without notice.
field Installed fuse Kits
sample assembly drawing
for secondary fuse Clip
Installation
(for 150Va to 1500Va)
sample assembly drawing
for primary fuse Clip
Installation
(for 150Va to 1500Va)
note: maximum allowable current rating on all primary and secondary fuse kits is 30 amps.
Kit part
number
applicable transformer
Part Number Suffix’s
applicable
Va sizes
parts Included in Kit
pfK1
pfK2
pfK3
pfK4
pfK5
pfK5
pfK6
pfK6
pfK7
Refer to
Specification
Tables
on Pages
38 to 43 for
Optional Primary
Fuse Kit P/N
Refer to
Specification
Tables
on Pages
38 to 43 for
Optional Primary
Fuse Kit P/N
4 fuse clips, 4 mtg. screws, PHAK1 instruction sheet
4 fuse clips, 4 mtg. screws, PHAK1 instruction sheet
4 fuse clips, 4 mtg. screws, PHAK1 instruction sheet
4 fuse clips, 4 mtg. screws, 1 jumper, 1 finger guard, PHAK1 instruction sheet
4 fuse clips, 4 mtg. screws, 1 jumper, 1 finger guard, PHAK1 instruction sheet
4 fuse clips, 4 mtg. screws, 1 jumper, 1 finger guard, PHAK1 instruction sheet
4 fuse clips, 4 mtg. screws, 1 jumper wire, PHAK1 instruction sheet
4 fuse clips, 4 mtg. screws, 1 jumper wire, PHAK1 instruction sheet
4 fuse clips, 4 mtg. screws, 1 jumper wire, PHAK1 instruction sheet
note: Hps Imperator primary and secondary fuse kits are not suitable for branch circuit applications!
factory Installed fuse Kits
factory Installed primary and secondary fuse Kits
HPS now stocks some HPS Imperator series voltage groups with FACTOrY InSTAllED primary and secondary
fuse clips. To order, just add the suffix “-fK” to the end of the standard part number.
Factory installed fusing only available on units up to 1500VA. The voltage groups that are stocked are:
Group C (p/n: pH***mQmJ-fK) | Group G (p/n: pH***pG-fK) | Group I (p/n: pH***mlI-fK)
On PH750PG-FK, PH1000PG-FK, PH750MLI-FK, and PH1000MLI-FK, only primary fuse clips are included on
factory installed units. Secondary fuse clips are not included or available on these units.
Other voltage groups available with factory installed fuse kits. Please contact your HPS sales or customer
service representative for details.
Note: All factory installed fuse kits are pre-wired at the transformers highest primary voltage and the lowest secondary voltage. To hook up
at a different primary or secondary voltage, please refer to the wiring instruction sheet included with the transformer.
standard secondary fuse Kits (field Installed)
All HPS Imperator control transformers are supplied with standard secondary fuse kits which include:
13/32” x 1 1/2” midget/type CC fuse clips, fuse clip mounting screws, primary and secondary voltage
links and the PHAK1 instruction sheet (note: secondary fuse clips and fuse clip mounting screws are not supplied on the
PH750PG, PH1000PG, PH750MLI, and PH1000MLI).
optional primary fuse Kits (field Installed)
All HPS Imperator series machine tool industrial control transformers up to and including 1500VA are
available with the following optional primary fuse kits:
sample accessory drawing
for fuse Clips
(for 50, 75 and 100VA)
sample accessory drawing
for fuse Clips
(for 150VA to 1500VA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com