Electronic Components Datasheet Search
  English  ▼

X  

FGF1 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # FGF1
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FGF1 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button FGF1 Datasheet HTML 18Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 19Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 20Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 21Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 22Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 23Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 24Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 25Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
50
SECTION 1
HPS SPARTAN®
all dimensions in inches
50/60 Hertz
primary Voltage:
380/347
secondary Voltage:
120 X 240
Va
rating
Ce Va
rating
Catalog
number
mtg.
fig.
output
amps
overall
dimensions
mounting
Centers
mounting
slot
Height
with
finger
Guard
Height
with
fuse
Block
adapter
approx.
ship
Weight
lbs.
a
B
C
d
e
G X H
50
50
sp50KHp
A
0.42/0.21
2.60
3.35
2.60
2.13
2.17
0.22 x 0.44
2.98
2.79
1.7
100
100
sp100KHp
A
0.83/0.42
2.99
3.74
2.85
2.52
2.60
0.22 x 0.44
3.23
3.04
3.4
150
150
sp150KHp
A
1.25/0.63
2.99
4.29
2.85
2.52
3.15
0.22 x 0.44
3.23
3.04
4.4
250
160
sp250KHp
A
2.08/1.04
3.78
4.09
3.40
3.31
2.99
0.22 x 0.44
3.78
3.59
6.7
350
250
sp350KHp
A
2.92/1.46
3.78
4.69
3.40
3.31
3.58
0.22 x 0.44
3.78
3.59
8.4
500
300
sp500KHp
A
4.17/2.08
4.49
4.69
3.78
3.78
3.66
0.31 x 0.81
4.16
3.97
12
750
500
sp750KHp
A
6.25/3.13
5.25
4.691
4.37
4.50
3.66
0.31 x 0.81
4.75
4.56
17
1000
650
sp1000KHp
A
8.33/4.17
5.25
5.471
4.37
4.50
4.45
0.31 x 0.81
4.75
4.56
21
1500
1000
sp1500KHp
A
12.5/6.25
6.38
4.881
5.31
5.75
3.86
0.31 x 0.81
5.50
5.31
29
all dimensions in inches
50/60 Hertz
primary Voltage:
380/347
secondary Voltage:
12 X 24
Va
rating
Ce Va
rating
Catalog
number
mtg.
fig.
output
amps
overall
dimensions
mounting
Centers
mounting
slot
Height
with
finger
Guard
Height
with
fuse
Block
adapter
approx.
ship
Weight
lbs.
a
B
C
d
e
G X H
50
50
sp50KHr
A
4.17/2.08
2.60
3.35
2.60
2.13
2.17 0.22 x 0.44
2.98
2.79
1.7
100
100
sp100KHr
A
8.33/4.17
2.99
3.74
2.85
2.52
2.60
0.22 x 0.44
3.23
3.04
3.3
150
150
sp150KHr
A
12.5/6.25
2.99
4.29
2.85
2.52
3.15
0.22 x 0.44
3.23
3.04
4.4
250
160
sp250KHr
A
20.8/10.4
3.78
4.09
3.40
3.31
2.99
0.22 x 0.44
3.78
3.59
6.4
350
250
sp350KHr
A
29.2/14.6
3.78
4.69
3.40
3.31
3.58
0.22 x 0.44
3.78
3.59
8.1
500
300
sp500KHr
B
41.7/20.8
4.49
5.47
3.78
3.78 3.66 0.31 x 0.81
4.16
3.97
11
Group f
Group e
fIGure a
fIGure B
E
B
A
D
C
G x H
A
D
E
C
G x H
B
primary and secondary voltage links/jumpers supplied standard with all transformers.
refer to page 77 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
1
Note: For 750 through 1500 VA units actual overall depth is 0.24” plus the value in column B.
primary and secondary voltage links/jumpers supplied standard with all transformers.
refer to page 77 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
© Hammond Power Solutions Inc.
Data subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com