Electronic Components Datasheet Search
  English  ▼

X  

FGF1 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # FGF1
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FGF1 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button FGF1 Datasheet HTML 43Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 44Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 45Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 46Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 47Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 48Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 49Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 50Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
SECTION 9
SECTION 1
75
Machine Tool indusTrial conTrol
© Hammond Power Solutions Inc.
Data subject to change without notice.
Hps spartan and HPS Fusion - Wiring schematic drawings
Group a
Group B
sp***aCp schematic Connections for 600/480 to 120 X 240
fs***aCp schematic Connections for 600/480 to 120 X 240
sp***ar schematic Connections for 600/480 to 12 X 24
fs***ar schematic Connections for 600/480 to 12 X 24
High Voltage (HV)
(primary Volts)
Install supplied Jumpers
Between terminals
supply lines
Connect to
600
575
550
none
H1, H3
480
460
440
none
H1, H2
low Voltage (lV)
(secondary Volts)
Install supplied links
Between terminals
load lines
Connect to
120
115
110
X1-X3, X2-X4
X1, X4
240
230
220
X2-X3
X1, X4
High Voltage (HV)
(primary Volts)
Install supplied Jumpers
Between terminals
supply lines
Connect to
600
575
550
none
H1, H2
low Voltage (lV)
(secondary Volts)
Install supplied links
Between terminals
load lines
Connect to
12
11.5
11
X1-X3, X2-X4
X1, X4
24
23
22
X2-X3
X1, X4
X1
X3
X2
X4
H3
H2
HV
600V 575V 550V
480V 460V 440V
X4 X2
X1
X3
X3 X1
X2
X4
LV
120V
115V
110V
240V
230V
220V
H1
H2
H1
X4
X2 X3
X1
X3 X1
X2
X4
X4 X2
X1
X3
HV
LV
11.5V
23V
12V
24V
11V
22V
600V
575V
550V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com