Electronic Components Datasheet Search
  English  ▼

X  

B7652 Datasheet(PDF) 2 Page - EPCOS

Part # B7652
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7652 Datasheet(HTML) 2 Page - EPCOS

  B7652 Datasheet HTML 1Page - EPCOS B7652 Datasheet HTML 2Page - EPCOS B7652 Datasheet HTML 3Page - EPCOS B7652 Datasheet HTML 4Page - EPCOS B7652 Datasheet HTML 5Page - EPCOS B7652 Datasheet HTML 6Page - EPCOS B7652 Datasheet HTML 7Page - EPCOS B7652 Datasheet HTML 8Page - EPCOS B7652 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Oct 16, 2003
SAW Components
B7652
942,5 / 1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
0,1
0,8
9 87 6
12 34
3,0
0,4
1,8
bottom view
side view
top view
Chip sized saw package QCS10C
Features
s
Low-loss RF filter for mobile telephone EGSM
and PCN system , receive path
s
Usable passband:
Filter 1 (EGSM): 35 MHz
Filter 2 (PCN):
75 MHz
s
Unbalanced to balanced operation of both filters
s
Impedance transformation from 50
Ω to 200 Ω
for EGSM filter
s
Suitable for GPRS Class 1 to 12
s
Ceramic
package
for
Surface
Mounted
Technology (SMT)
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,015g
Pin configuration
1, 2
Output, balanced [ Filter 1 ]
3, 4
Output, balanced [ Filter 2 ]
6
Input [ Filter 2 ]
9
Input [ Filter 1 ]
5, 7, 8,10
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7652
B39182-B7652-G210
C61157-A7-A129
F61074-V8156-Z000
Maximum ratings
Operable temperature range
T
– 20 / + 70
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
5V
ESD voltage
VESD
50
V
Input power at
GSM850, GSM900,
GSM1800, GSM1900
Tx bands:
Filter 1 (EGSM-Rx)
PIN
15
dBm
peak power of GSM signal,
Filter 2 (PCN-Rx)
PIN
12
dBm
duty cycle 4:8
9
6
5, 10
4
3
2
1
8
7 ,



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com