Electronic Components Datasheet Search
  English  ▼

X  

B7652 Datasheet(PDF) 6 Page - EPCOS

Part # B7652
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7652 Datasheet(HTML) 6 Page - EPCOS

  B7652 Datasheet HTML 1Page - EPCOS B7652 Datasheet HTML 2Page - EPCOS B7652 Datasheet HTML 3Page - EPCOS B7652 Datasheet HTML 4Page - EPCOS B7652 Datasheet HTML 5Page - EPCOS B7652 Datasheet HTML 6Page - EPCOS B7652 Datasheet HTML 7Page - EPCOS B7652 Datasheet HTML 8Page - EPCOS B7652 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Oct 16, 2003
SAW Components
B7652
942,5 / 1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 2 ( PCN )
Operating temperature range:
T
= 25
± 2˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω || 18nH
min.
typ.
max.
Center frequency
fc
—
1842,5
—
MHz
Maximum insertion attenuation
α
max
1805,0
...1880,0
MHz
—
2,3
3,0
dB
Amplitude ripple (p-p)
∆α
1805,0
...1880,0
MHz
—
0,7
1,4
dB
Input return loss
1805,0
...1880,0
MHz
8,0
9,0
—
Output return loss
1805,0
...1880,0
MHz
8,0
10,0
—
Output phase balance (
φ(S31)−φ(S21)+180˚)
1805,0
...1880,0
MHz
-13,0
0
13,0
degree
Output amplitude balance
(|S31/S21|)
1805,0
...1880,0
MHz
-1,5
0
1,9
dB
Attenuation
α
min
10,0
...1000,0
MHz
35,0
38,0
—
dB
1000,0
...1710,0
MHz
30,0
35,0
—
dB
1710,0
...1750,0
MHz
26,0
30,0
—
dB
1750,0
...1765,0
MHz
19,0
22,0
—
dB
1765,0
...1785,0
MHz
12,0
14,0
—
dB
1920,0
...1980,0
MHz
18,0
20,0
—
dB
1980,0
...2100,0
MHz
20,0
25,0
—
dB
2100,0
...2800,0
MHz
26,0
29,0
—
dB
2800,0
...6000,0
MHz
30,0
32,0
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com