Electronic Components Datasheet Search
  English  ▼

X  

B7652 Datasheet(PDF) 3 Page - EPCOS

Part # B7652
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7652 Datasheet(HTML) 3 Page - EPCOS

  B7652 Datasheet HTML 1Page - EPCOS B7652 Datasheet HTML 2Page - EPCOS B7652 Datasheet HTML 3Page - EPCOS B7652 Datasheet HTML 4Page - EPCOS B7652 Datasheet HTML 5Page - EPCOS B7652 Datasheet HTML 6Page - EPCOS B7652 Datasheet HTML 7Page - EPCOS B7652 Datasheet HTML 8Page - EPCOS B7652 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Oct 16, 2003
SAW Components
B7652
942,5 / 1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 1 ( EGSM )
Operating temperature range:
T
= 25
± 2˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 200 Ω || 68nH
min.
typ.
max.
Center frequency
fc
942,50
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
2,3
2,8
dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
1,1
1,6
dB
Input return loss
925,0
... 960,0
MHz
8,0
10,0
dB
Output return loss
925,0
... 960,0
MHz
8,0
12,0
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
925,0
... 960,0
MHz
-10,0
0
10,0
degree
Output amplitude balance
(|S31/S21|)
925,0
... 960,0
MHz
-1,0
0
1,0
dB
Attenuation
α
min
10,0
... 880,0
MHz
45,0
49,0
dB
880,0
... 905,0
MHz
32,0
37,0
dB
905,0
... 915,0
MHz
20,0
28,0
dB
980,0
...1050,0
MHz
24,0
26,0
dB
1050,0
...1920,0
MHz
40,0
44,0
dB
1920,0
...3840,0
MHz
38,0
43,0
dB
3840,0
...6000,0
MHz
30,0
35,0
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com