Electronic Components Datasheet Search
  English  ▼

X  

B7653 Datasheet(PDF) 2 Page - EPCOS

Part # B7653
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7653 Datasheet(HTML) 2 Page - EPCOS

  B7653 Datasheet HTML 1Page - EPCOS B7653 Datasheet HTML 2Page - EPCOS B7653 Datasheet HTML 3Page - EPCOS B7653 Datasheet HTML 4Page - EPCOS B7653 Datasheet HTML 5Page - EPCOS B7653 Datasheet HTML 6Page - EPCOS B7653 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Oct 16, 2003
SAW Components
B7653
881,5 & 1960,0 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
0,1
0,8
9 87 6
12 34
3,0
0,4
1,8
bottom view
side view
top view
Chip Sized Saw Package QCS10C
Features
s
Low-loss 2-in-1 RF filter for mobile telephone
AMPS and PCS bands, receive path
s
Usable passband:
Filter 1 (AMPS): 25 MHz
Filter 2 (PCS):
60 MHz
s
Unbalanced to balanced operation for both fil-
ters
s
Impedance transformation from 50
Ω to 200 Ω
for AMPS filter
s
Suitable for GPRS class 1 to 12
s
Package for Surface Mounted Technology
(SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,015g
Pin configuration
1,2
Output, balanced [Filter 1]
3,4
Output, balanced [Filter 2]
6
Input Filter 2
9
Input Filter 1
5,7,8,10
Case Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7653
B39202-B7653-G210
C61157-A7-A129
F6104-V8156-Z000
Maximum ratings
Operable temperature range
T
– 20 /+ 70
˚C
Storage temperature range
Tstg
– 40 /+ 85
˚C
DC voltage
VDC
5V
ESD voltage
VESD
50
V
Input power at
GSM850, GSM900,
GSM1800, GSM1900
Tx bands:
Filter 1 (AMPS-Rx)
Filter 2 (PCS-Rx)
PIN
PIN
15
13
dBm
dBm
peak power of GSM signal,
duty cycle 4:8
9
6
5, 10
4
3
2
1
8
7 ,



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com