Electronic Components Datasheet Search
  English  ▼

X  

B7653 Datasheet(PDF) 3 Page - EPCOS

Part # B7653
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7653 Datasheet(HTML) 3 Page - EPCOS

  B7653 Datasheet HTML 1Page - EPCOS B7653 Datasheet HTML 2Page - EPCOS B7653 Datasheet HTML 3Page - EPCOS B7653 Datasheet HTML 4Page - EPCOS B7653 Datasheet HTML 5Page - EPCOS B7653 Datasheet HTML 6Page - EPCOS B7653 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Oct 16, 2003
SAW Components
B7653
881,5 & 1960,0 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics of Filter 1 (AMPS)
Operating temperature range:
T
= -20 to + 70 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 200 Ω || 56 nH
* 3,0 dB (2,6 dB typ.) for temperature range 25
± 10˚C
min.
typ.
max.
Center frequency
fc
881,5
MHz
Maximum insertion attenuation
α
max
869,0
... 894,0
MHz
3,0
3,5* dB
Amplitude ripple (p-p)
869,0
... 894,0
MHz
∆α
1,5
2,0
dB
Input return loss
869,0
... 894,0
MHz
8,0
12,0
dB
Output return loss
869,0
... 894,0
MHz
8,0
11,0
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
869,0
... 894,0
MHz
-5,0
+10,0
˚
Output amplitude balance
(|S31/S21|)
869,0
... 894,0
MHz
-1,1
+0,7
dB
Inter-band isolation
α
min
1930,0
...1990,0
MHz
30,0
40,0
dB
Attenuation
α
min
10,0
... 600,0
MHz
45,0
54,0
dB
600,0
... 849,0
MHz
35,0
40,0
dB
914,0
... 916,0
MHz
20,0
24,0
dB
916,0
...1000,0
MHz
23,0
27,0
dB
1738,0
...1788,0
MHz
40,0
48,0
dB
2607,0
...2682,0
MHz
40,0
48,0
dB
3476,0
...3576,0
MHz
38,0
46,0
dB
Tx band suppression
α
min
824,0
... 849,0
MHz
35,0
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com