Electronic Components Datasheet Search
  English  ▼

X  

B7653 Datasheet(PDF) 5 Page - EPCOS

Part # B7653
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7653 Datasheet(HTML) 5 Page - EPCOS

  B7653 Datasheet HTML 1Page - EPCOS B7653 Datasheet HTML 2Page - EPCOS B7653 Datasheet HTML 3Page - EPCOS B7653 Datasheet HTML 4Page - EPCOS B7653 Datasheet HTML 5Page - EPCOS B7653 Datasheet HTML 6Page - EPCOS B7653 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Oct 16, 2003
SAW Components
B7653
881,5 & 1960,0 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics of Filter 2 (PCS)
Operating temperature range:
T
= -20 to + 70 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
* 3,5 dB (2,9 dB typ.) for temperature range 25
± 10˚C
** -2,3 dB (min.) and 2,3 dB (max.) @ 25˚C
min.
typ.
max.
Center frequency
fc
—
1960,0
—
MHz
Maximum insertion attenuation
α
max
1930,0
...1990,0
MHz
—
3,3
3,8* dB
Amplitude ripple
1930,0
...1990,0
MHz
—
1,3
2,2
dB
Input return loss
1930,0
...1990,0
MHz
8,0
10,0
—
dB
Output return loss
1930,0
...1990,0
MHz
8,0
10,0
—
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
1930,0
...1990,0
MHz
-15,0
—
+15,0
˚
Output amplitude balance
(|S31/S21|)
1930,0
...1990,0
MHz
-2,7**
—
+2,7** dB
Inter-band isolation
α
min
869,0
... 894,0
MHz
30,0
40,0
—
dB
Attenuation
α
min
10,0
... 995,0
MHz
30,0
36,0
—
dB
995,0
...1830,0
MHz
22,0
30,0
—
dB
1830,0
...1890,0
MHz
13,0
17,0
—
dB
1890,0
...1910,0
MHz
8,0
10,0
—
dB
2010,0
...2070,0
MHz
12,0
14,0
—
dB
2070,0
...3000,0
MHz
20,0
28,0
—
dB
3000,0
...5000,0
MHz
25,0
35,0
—
dB
5790,0
...5970,0
MHz
30,0
39,0
—
dB
Tx band suppression
α
min
1830,0
...1890,0
MHz
13,0
17,0
—
dB
1890,0
...1910,0
MHz
8,0
10,0
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com