Electronic Components Datasheet Search
  English  ▼

X  

B7752 Datasheet(PDF) 3 Page - EPCOS

Part # B7752
Description  SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7752 Datasheet(HTML) 3 Page - EPCOS

  B7752 Datasheet HTML 1Page - EPCOS B7752 Datasheet HTML 2Page - EPCOS B7752 Datasheet HTML 3Page - EPCOS B7752 Datasheet HTML 4Page - EPCOS B7752 Datasheet HTML 5Page - EPCOS B7752 Datasheet HTML 6Page - EPCOS B7752 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Oct 27, 2003
SAW Components
B7752
2140,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= +25˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 200 Ω (balanced) || 12 nH
min.
typ.
max.
Center frequency
fC
2140,0
MHz
Maximum insertion attenuation
α
max
2110,0
... 2170,0
MHz
2,4
2,8
dB
Amplitude ripple (p-p)
∆α
2110,0
... 2170,0
MHz
0,8
1,2
dB
Amplitude ripple per 5MHz channel (p-p)
∆α
5MHz
2110,0
... 2170,0
MHz
0,3
0,5
dB
Input VSWR
2110,0
... 2170,0
MHz
1,9
2,2
Output VSWR
2110,0
... 2170,0
MHz
1,9
2,2
Output amplitude balance(|S31/S21|)
2110,0
... 2170,0
MHz
-1,0
0
1,0
dB
Output phase balance(
φ(S
31)-φ(S21)+180˚)
2110,0
... 2170,0
MHz
-10,0
0
10,0
degree
Attenuation
α
180,0
... 200,0
MHz
60
80
dB
200,0
... 1000,0
MHz
50
58
dB
1000,0
... 1880,0
MHz
35
40
dB
1880,0
... 1980,0
MHz
30
36
dB
1980,0
... 2050,0
MHz
24
28
dB
2205,0
... 2255,0
MHz
15
22
dB
2255,0
... 2300,0
MHz
20
27
dB
2300,0
... 2490,0
MHz
27
34
dB
2490,0
... 2550,0
MHz
35
40
dB
2550,0
... 3200,0
MHz
35
39
dB
3200,0
... 6000,0
MHz
40
54
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com